Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 4 Page - Texas Instruments

  LMP8278 Datasheet HTML 1Page - Texas Instruments LMP8278 Datasheet HTML 2Page - Texas Instruments LMP8278 Datasheet HTML 3Page - Texas Instruments LMP8278 Datasheet HTML 4Page - Texas Instruments LMP8278 Datasheet HTML 5Page - Texas Instruments LMP8278 Datasheet HTML 6Page - Texas Instruments LMP8278 Datasheet HTML 7Page - Texas Instruments LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
5.0V Electrical Characteristics
(1)
Unless otherwise specified, all limits ensured at TA = 25°C, VS = 5.0V, GND = 0V, −2V ≤ VCM ≤ 28V, and RL = ∞, 10nF
between VS and GND. Boldface limits apply at the temperature extremes.
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
Overall Performance (From –IN (pin 1) and +IN (pin 8) to OUT (pin 5) with pins A1 (pin 3) and A2 (pin 4) connected)
IS
Supply Current
0.3
0.4
0.55
mA
AV
Total Gain
–2V < VCM < 28V
13.93
14
14.07
V/V
–2V < VCM < 40V
13.86
14
14.14
Gain Drift
−40°C ≤ TA ≤ 125°C
±2
±25
ppm/°C
SR
Slew Rate
VIN = ±0.2V
0.7
V/
μs
BW
Bandwidth
90
kHz
VOS
Input Offset Voltage
VCM = VS / 2
±0.25
±2
mV
TCVOS
Input Offset Voltage Drift (4)
−40°C ≤ TA ≤ 125°C
±2.5
±15
μV/°C
en
Input Referred Voltage Noise
0.1 Hz
− 10 Hz, 6–Sigma
11
μVPP
Spectral Density, 1 kHz
285
nV/
√Hz
PSRR
Power Supply Rejection Ratio
DC,4.5V
≤ VS ≤ 5.5V, VCM = VS/2
70
80
dB
Preamplifier (From input pins –IN (pin 1) and +IN (pin 8) to A1 (pin 3))
RCM
Input Impedance Common Mode
−2V ≤ VCM ≤ 40
100
125
k
Ω
RDM
Input Impedance Differential Mode (5)
−2V ≤ VCM ≤ 40
60
85
k
Ω
VOS
Input Offset Voltage
VCM = VS / 2
±0.25
±2
mV
TCVOS
Input Offset Voltage Drift (4)
−40°C ≤ TA ≤ 125°C
±2.5
±15
μV/°C
DC CMRR
DC Common Mode Rejection Ratio
−2V ≤ VCM ≤ 40V
80
90
dB
AC CMRR
AC Common Mode Rejection Ratio
f = 1 kHz
90
dB
f = 10 kHz
85
CMVR
Input Common Mode Voltage Range
for 80 dB CMRR
−2
40
V
A1V
Gain
6.93
7.0
7.07
V/V
RF-INT
Output Impedance Filter Resistor
97
100
103
k
Ω
TCRF-INT
Output Impedance Filter Resistor Drift
20
±100
ppm/°C
A1 VOUT
Preamplifier Output Voltage Swing
VOL
RL = ∞
4
10
mV
VOH
4.80
4.95
V
Output Buffer (From A2 (pin 4) to OUT (pin 5))
VOS
Input Offset Voltage
0V
≤ VCM ≤ VS–1
±0.25
±2
mV
A2V
Gain
1.98
2
2.02
V/V
IB
Input Bias Current of Output Buffer(6)(5)
±20
pA
±20
nA
A2 VOUT
Output Buffer Output Voltage Swing (7)(8)
VOL
RL = 100 kΩ
7
20
mV
VOH
4.80
4.99
V
A2 VOUT
Output Buffer Output Voltage Swing (7)(8)
VOL
RL = 10 kΩ
15
30
mV
VOH
4.75
4.95
V
(1)
The Electrical Characteristics table lists ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Datasheet min/max specification limits are ensured by test, unless otherwise noted.
(3)
Typical values represent the most likely parameter norms at TA = +25°C and at the Recommended Operation Conditions at the time of
product characterization and are not ensured.
(4)
Offset voltage drift determined by dividing the change in VOS at temperature extremes by the total temperature change.
(5)
Specification is ensured by design and is not tested in production.
(6)
Positive current corresponds to current flowing into the device.
(7)
For this test input is driven from A1 stage.
(8)
For VOL, RL is connected to VS and for VOH, RL is connected to GND.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com