Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 3Page - Texas Instruments LMP8278 Datasheet HTML 4Page - Texas Instruments LMP8278 Datasheet HTML 5Page - Texas Instruments LMP8278 Datasheet HTML 6Page - Texas Instruments LMP8278 Datasheet HTML 7Page - Texas Instruments LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments LMP8278 Datasheet HTML 10Page - Texas Instruments LMP8278 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
TIME (1 s/DIV)
INPUT
OUTPUT
TIME (1 s/DIV)
INPUT
OUTPUT
100
1k
10k
100k
1M
-20
-10
0
10
20
30
FREQUENCY (Hz)
-40°C
25°C
125°C
VOUT= 500mV
100
1k
10k
100k
1M
-20
-10
0
10
20
30
FREQUENCY (Hz)
25°C
125°C
-40°C
VOUT= 4.5V
100
1k
10k
100k
0
20
40
60
80
100
120
FREQUENCY (Hz)
100
1k
10k
100k
0
20
40
60
80
100
120
FREQUENCY (Hz)
-40°C
25°C
125°C
LMP8278
www.ti.com
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, measurements taken at TA = 25°C, VS = 5V, GND = 0V, −2V ≤ VCM ≤ 28V, and RL = ∞, 10nF
between VS and GND.
PSRR
CMRR
vs.
vs.
Frequency
Frequency
Figure 8.
Figure 9.
Gain
Gain
vs.
vs.
Frequency, Vout=500mV
Frequency, Vout=4.5V
Figure 10.
Figure 11.
Settling Time (Falling Edge)
Settling Time (Rising Edge)
Figure 12.
Figure 13.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com