Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 1 Page - Texas Instruments

  LMP8278 Datasheet HTML 1Page - Texas Instruments LMP8278 Datasheet HTML 2Page - Texas Instruments LMP8278 Datasheet HTML 3Page - Texas Instruments LMP8278 Datasheet HTML 4Page - Texas Instruments LMP8278 Datasheet HTML 5Page - Texas Instruments LMP8278 Datasheet HTML 6Page - Texas Instruments LMP8278 Datasheet HTML 7Page - Texas Instruments LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
load
+
-
S
D
G
24V
28V
+
-
+
-
S
D
G
28V
Inductive
Load
Inductive
Load
+5V
IL
LMP8278
+5V
+5V
LMP8278
LMP8278
LMP8278
www.ti.com
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
Check for Samples: LMP8278
1
FEATURES
DESCRIPTION
The LMP8278 is a fixed 14x gain precision current
23
•
TCVos ±15
μV/°C Max
sense amplifier. The part amplifies and filters small
•
CMRR 80 dB Min
differential signals in the presence of high common
•
Input Offset Voltage ±2 mV max
mode voltages. The part operates from a single 5V
supply voltage. With an input common mode voltage
•
CMVR
−2V to 40V
range from -2V to +28V the gain is very precise
•
Operating Ambient Temperature Range
−40°C
(±0.5%). The part can handle common mode voltages
to 125°C
in the range -2V to +40V with relaxed specifications.
•
Single Supply Operation
The LMP8278 is a member of the Linear Monolithic
Precision
(
LMP™)
family
and
is
ideal
for
•
Min / Max Limits 100% Tested unless
unidirectional
current
sensing
applications.
The
Otherwise Noted
parameter values that are shown in the Electrical
•
LMP8278Q Available in Automotive AEC-Q100
Characteristics table are 100% tested and all bold
Grade 1 Qualified Version
values are also 100% tested over temperature,
unless otherwise noted.
APPLICATIONS
The part has a precise gain of 14x which is adequate
•
High Side and Low Side Driver Configuration
in most targeted applications to drive an ADC to its
Current Sensing
full scale value. The fixed gain is achieved in two
separate stages, a preamplifier with a gain of 7x and
•
Automotive Fuel Injection Control
an output stage buffer amplifier with a gain of 2x. The
•
Transmission Control
connection between the two stages of the signal path
•
Power Steering
is brought out on two pins to enable the possibility to
create an additional filter network around the output
•
Battery Management Systems
buffer amplifier. These pins can also be used for
alternative
configurations
with
different
gain
as
described in Application Information.
The
LMP8278Q
incorporates
enhanced
manufacturing
and
support
processes
for
the
automotive
market,
including
defect
detection
methodologies. Reliability qualification is compliant
with
the
requirements
and
temperature
grades
defined in the AEC Q100 standard.
Typical Applications
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8278

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8278 TI2-LMP8278 Datasheet
586Kb / 25P
LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
REVISED MARCH 2013
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8278Q TI2-LMP8278Q Datasheet
586Kb / 25P
LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
REVISED MARCH 2013
LMP8278Q-Q1 TI2-LMP8278Q-Q1 Datasheet
586Kb / 25P
LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
REVISED MARCH 2013
LMP8278QMM TI1-LMP8278QMM Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results

Similar Description - LMP8278

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_14 Datasheet
1Mb / 29P
LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8278 TI-LMP8278_15 Datasheet
920Kb / 22P
LMP8278Q High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
Common-Mode Bidirectional Precision Current-Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com