Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 2 Page - Texas Instruments

  LMP8278 Datasheet HTML 1Page - Texas Instruments LMP8278 Datasheet HTML 2Page - Texas Instruments LMP8278 Datasheet HTML 3Page - Texas Instruments LMP8278 Datasheet HTML 4Page - Texas Instruments LMP8278 Datasheet HTML 5Page - Texas Instruments LMP8278 Datasheet HTML 6Page - Texas Instruments LMP8278 Datasheet HTML 7Page - Texas Instruments LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
N/C
LMP8278
+IN
VS
OUT
-IN
GND
A1
A2
1
2
3
4
5
6
7
8
LMP8278
+
-
Preamplifier
+IN
-IN
Output Buffer
Gain = 2
A1
A2
Gain = 7
Vs
Internal
Resistor
100 k:
OUT
Proprietary
Level Shift
Circuit
GND
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
Block Diagram
Connection Diagram
Top View
Figure 1. 8-Pin VSSOP Package
See Package Number DGK0008A
PIN DESCRIPTIONS
Pin
Name
Description
Power Supply
2
GND
Power Ground
7
VS
Positive Supply Voltage
Inputs
1
−IN
Negative Input
8
+IN
Positive Input
Filter Network
3
A1
Preamplifier output
4
A2
Input from the external filter network and / or A1
Output
5
OUT
Single ended output
NC
6
N/C
No Connect (floating)
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com