Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 2Page - Texas Instruments LMP8278 Datasheet HTML 3Page - Texas Instruments LMP8278 Datasheet HTML 4Page - Texas Instruments LMP8278 Datasheet HTML 5Page - Texas Instruments LMP8278 Datasheet HTML 6Page - Texas Instruments LMP8278 Datasheet HTML 7Page - Texas Instruments LMP8278 Datasheet HTML 8Page - Texas Instruments LMP8278 Datasheet HTML 9Page - Texas Instruments LMP8278 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
0
1
2
3
4
5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
A2 PIN VOLTAGE (V)
125°C
10
100
1k
10k
100k
0.0
0.1
0.2
0.3
0.4
0.5
FREQUENCY (Hz)
-5
0
5 10 15 20 25 30 35 40 45
-100
-50
0
50
100
150
200
250
300
350
400
VCM(V)
125°C
25°C
-40°C
0
1
2
3
4
5
-50
-40
-30
-20
-10
0
10
20
30
40
50
A2 PIN VOLTAGE (V)
25°C
-5
0
5
10 15 20 25 30 35 40 45
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
VCM(V)
-40°C
25°C
125°C
4.5
4.7
4.9
5.1
5.3
5.5
-1.0
-0.8
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
VSUPPLY(V)
-40°C
25°C
125°C
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified, measurements taken at TA = 25°C, VS = 5V, GND = 0V, −2V ≤ VCM ≤ 28V, and RL = ∞, 10nF
between VS and GND.
VOS
VOS
vs.
vs.
VCM
VS
Figure 2.
Figure 3.
A1 Input Bias Current
A2 Input Bias Current
vs.
vs.
VCM
VCM, at 25°C
Figure 4.
Figure 5.
A2 Input Bias Current
Input Referred Voltage Noise
vs.
vs.
VCM, at 125°C
Frequency
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com