Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 14 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 10Page - Texas Instruments LMP8278 Datasheet HTML 11Page - Texas Instruments LMP8278 Datasheet HTML 12Page - Texas Instruments LMP8278 Datasheet HTML 13Page - Texas Instruments LMP8278 Datasheet HTML 14Page - Texas Instruments LMP8278 Datasheet HTML 15Page - Texas Instruments LMP8278 Datasheet HTML 16Page - Texas Instruments LMP8278 Datasheet HTML 17Page - Texas Instruments LMP8278 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LMP8278
ADC
0
50
100
150
200
250
300
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
TIME (ns)
10 pF
20 pF
LMP8278
VS
0V
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
Figure 24. Driving Switched Capacitive Load
This circuit simulates the switched connection of a discharged capacitor to the LMP8278 output. The resulting
VOUT disturbance signal is shown in Figure 25.
The figure can be used to estimate the disturbance that will be caused when driving a switched capacitive load.
To minimize the error signal introduced by the sampling that occurs on the ADC input, an additional RC filter can
be placed in between the LMP8278 and the ADC as illustrated in Figure 26.
The external capacitor absorbs the charge that flows when the ADC sampling capacitor is connected. The
external capacitor should be much larger than the sample and hold capacitor at the input of the ADC and the RC
time constant of the external filter should be such that the speed of the system is not affected.
Figure 25. Capacitive Load Response
Figure 26. Reduce Error When Driving ADCs
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com