Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP8278 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMP8278
Description  High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP8278 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMP8278 Datasheet HTML 12Page - Texas Instruments LMP8278 Datasheet HTML 13Page - Texas Instruments LMP8278 Datasheet HTML 14Page - Texas Instruments LMP8278 Datasheet HTML 15Page - Texas Instruments LMP8278 Datasheet HTML 16Page - Texas Instruments LMP8278 Datasheet HTML 17Page - Texas Instruments LMP8278 Datasheet HTML 18Page - Texas Instruments LMP8278 Datasheet HTML 19Page - Texas Instruments LMP8278 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
RSENSE
-IN
+IN
RF Power Amplifier
IPA
LMP8278
+
-
A1
A2
Internal
Resistor
100 k:
C1
OUT
8
5
3
4
1
Preamplifier
Gain = 7
Output Buffer
Gain = 2
24V
Controller
0.02:
Vout = 0.28V/A
LMP8278
+
-
Preamplifier
Output Buffer
Gain = 2
A1
A2
Gain = 7
Internal
Resistor
100 k:
C1
RSENSE
POWER
SWITCH
INDUCTIVE
LOAD
+IN
-IN
OUT
0.01
Ö
1
5
3
4
8
Vout = 0.14V/A
24V
LMP8278
SNAS575A – FEBRUARY 2012 – REVISED MARCH 2013
www.ti.com
Figure 28. High Side Current Sensing Application
RF-PA CONTROL APPLICATION
Figure 29 illustrates how the LMP8278 can be used to monitor current flow in an RF power amplifier control
application. The fact that the LMP8278 can measure small voltages at a high common mode voltage outside its
own supply range makes this part a good choice for such an application. The output signal of the LMP8278 is
used as an input for the PA controller. The PA controller can be used to regulate the output power of the RF-PA
by measuring the output amplifier supply current.
Figure 29. RF Power Amplifier Control Application
16
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMP8278



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com