Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PEM002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
2.7V
2.7V
2.7V
2.7V
2.7V
2.7V
1.5V
1.5V
2.7V
OUT_QM
1
3
5
7
9
11
13
15
17
19
21
23
25
27
29
31
33
35
37
39
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
OUT_QP
OUT_IM
OUT_IP
REFCLKM
REFCLKP
Q1_B_C
Q1_E
RESET
ENABLE
CLOCK
DATA
SCANOUT
VDD
VDD
VCC
Samtec ST4-20
Mating Connector:
Samtec SS4-20-3.00-L-D-K-TR
VCC
VCC
VCC
VCC
VCC
VCC
Figure 2 PEM002 Interface Connector Pinout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com