Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 12 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 12 Page - Pasternack Enterprises, Inc.

Back Button PEM002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 16Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
Table 4.2 Register Byte Functions
Bit
Name
BYTE 3
7
bbamp_selbw_0
6
5
4
3
2
1
0
bg_monitor_sel_1
bg_monitor_sel_0
If_refsel
lna_refsel
Reserved: bits <3:0> = 0011 for normal operation
BYTE 4
Function
7
6
5
4
3
2
1
0
BYTE 5
ifvga_bias_2
7
6
5
4
3
2
1
0
ifvga_vga_adj_3
IF VGA bias and IF filter alignment; bits <7:0> = 1001111x for normal operation
not used
rfmix_tune_3
IF VGA gain control bits; bits <7:4> = 0000 highest gain, 1111 lowest gain
IF filter alignment in the RF mixer; bits <3:0> = 1111 for normal operation
bbamp_selbw_1
Baseband amplifiers low pass filter corner: bits <6:7>
00 = 1.4 GHz; 01 = 500 MHz ; 11 = 300 MHz; 00 = 200 MHz
Baseband amplifiers high pass filter corner: bits <4:5>
00 = 30 kHz; 01 = 300 kHz ; 10 = 1.5 MHz
bbamp_selhp_0
bbamp_selhp_1
ifvga_bias_1
ifvga_bias_0
ifvga_tune_4
ifvga_tune_3
ifvga_tune_2
ifvga_tune_1
ifvga_vga_adj_2
ifvga_vga_adj_1
ifvga_vga_adj_0
rfmix_tune_2
rfmix_tune_1
rfmix_tune_0
Attenuation 1.25 dB/step,
≈ 20 dB maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com