Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEM002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
The PEM002 is a highly integrated millimeter wave receiver that covers the 60 GHz global unlicensed spectrum allocations
packaged in a standard waveguide module. Receiver architecture is a double conversion, sliding IF with wide bandwidth
capability through the conversion chain down to baseband. The I/Q analog interface along with built-in AM and FM detectors
provides for flexibility in design and applications. The receiver incorporates a complete waveguide interface with low-loss
transition between the chip and the WR15 waveguide port. The integrated package is small and lightweight, with a simple
to use multi-pin ST4 connector for power, reference clock, digital control port and baseband signals. Either of two reference
clocks can be used for setting 540 MHz or 500 MHz channel spacing.
Features:
• Complete millimeter wave receiver
• WR-15, UG-385/U flange
• Operates in the 57 to 66 GHz unlicensed band
• 6 dB noise figure
• Up to 1.8 GHz modulation bandwidth
• I/Q analog baseband interface
• Integrated AM/ASK and FM/FSK detectors
• On chip synthesizer covers 57 to 64.8 GHz
• 500 MHz or 540 MHz step size
• 285.714 MHz clock for 500 MHz step size
• 308.572 MHz clock for 540 MHz step size
• Power, control, signals on ST4 connector
• Temperature sensor
Applications
• 802.11ad: 58.32, 60.48, 62.64, 64.80 GHz
• 802.11aj: 59.94, 61.02, 62.10, 63.18 GHz
• Any Channel (500 MHz or 540 MHz) 57-64.8 GHz
• Multi-Gbps Digital Communications
• HD Video Transmission
• Millimeter Wave Radar
• Millimeter Wave Radiometry
• Millimeter Wave Imaging
• Microwave Temperature Profiling (MTP)
• Development for 802.11ad and 802.11aj
• ATE Equipment for 60 GHz Manufacturing Test


Similar Part No. - PEM002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
More results

Similar Description - PEM002

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEM001 PASTERNACK-PEM001 Datasheet
377Kb / 18P
60 GHz Transmitter Tx Waveguide Module
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PEWIR1001 PASTERNACK-PEWIR1001 Datasheet
598Kb / 5P
WR-12 Waveguide Isolator from 60 GHz to 90 GHz, 25 dB min Isolation
PEM001-MIM PASTERNACK-PEM001-MIM Datasheet
359Kb / 18P
60 GHz Transmitter (Tx) Waveguide Module
PEM002-MIM PASTERNACK-PEM002-MIM Datasheet
306Kb / 18P
60 GHz Receiver (Rx) Waveguide Module
PEM010 PASTERNACK-PEM010 Datasheet
1Mb / 18P
60 GHz Transmitter (Tx) Waveguide Module
PE-W12TR1001 PASTERNACK-PE-W12TR1001 Datasheet
407Kb / 3P
0.6 Watts Instrumentation Grade WR-12 Waveguide Load 60 GHz to 90 GHz
PE-W19TR1001 PASTERNACK-PE-W19TR1001 Datasheet
407Kb / 3P
2 Watts Instrumentation Grade WR-19 Waveguide Load 40 GHz to 60 GHz
logo
NXP Semiconductors
BTS7202H NXP-BTS7202H Datasheet
443Kb / 23P
2.3 GHz – 2.7 GHz RX Front-End Module
Rev. 2 - 8 September 2022
BTS7202U NXP-BTS7202U Datasheet
494Kb / 24P
3.3 GHz – 4.2 GHz RX Front-End Module
Rev. 6 - 2 February 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com