Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 14 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 14 Page - Pasternack Enterprises, Inc.

Back Button PEM002 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 16Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 17Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 18Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
Table 4.4 Register Byte Functions
Bit
Name
BYTE 9
7
not used
6
5
4
3
2
1
0
BYTE 10
Function
7
6
5
4
3
2
1
0
BYTE 11
7
6
5
4
3
2
1
0
Synthesizer divider ratio bits 3:0 (see Tables 5.1 and 5.2)
Not used: bits <7:0> = xxxxxxxx
rdacin_5
VCO amplitude DAC; bits<7:2> = 111100 for normal operation
Synthesizer reset; bit <1> = 0 for normal operation
Synthesizer divider ratio bit 4 (see Tables 5.1 and 5.2)
band_2
rfseldiv
VCO band tuning bits 2:0 (see Tables 5.1 and 5.2)
Reserved; bit <0> = 1 for normal operation
not used
not used
not used
not used
not used
not used
not used
rdacin_4
rdacin_3
rdacin_2
rdacin_1
rdacin_0
synreset
divratio_4
divratio_3
divratio_2
divratio_1
divratio_0
band_1
band_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com