Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEM002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
Table 1 Performance Specifications*
Parameter
Unit
Comment
I/Q Balance Phase
I/Q Balance Amplitude
Min
Typ
Max
Frequency Range
57.0
64.8
GHz
Channel Spacing
540
MHz
308.571 MHz Reference
Channel Spacing
500
MHz
285.714 MHz Reference
Gain, Max
Gain, Range
67
65
dB
dB
Gain, Step Size
1.25
dB
53
70
Image Rejection
>35
dB
Input IP3
-27
dBm
Input P1dB
At Max Gain
-36
dBm
At Min Gain
Sideband Suppression
27
dBc
Noise Figure
6
dB
At Max Gain
Phase Noise @ 100 kHz
-72
dBc/Hz
Phase Noise @ 1 MHz
-86
Phase Noise @ 10 MHz
-111
Phase Noise @ 100 MHz
-125
Phase Noise @ 1 GHz
-127
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
PLL Loop Bandwidth
200
kHz
± 3
degrees
± 1
dB
*Test Conditions:
Reference Frequency
308.571 MHz
Temperature
25°C
Input Signal Level
-65 dBm
IF Bandwidth
Max
Output Impedance
50 ohms, 4 output ports: I +/- and Q +/- (100 ohm differential)
Output Signal Level
Referenced to single 50 ohm output for gain specifications
Modulation Bandwidth
Max BW setting, double-sided at 3 dB
1.8
GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com