Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 16 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 16 Page - Pasternack Enterprises, Inc.

Back Button PEM002 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 12Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 13Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 14Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 15Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 16Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 17Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 18Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
Table 4.6 Register Byte Functions
Table 4.6 Register Byte Functions
Bit
Name
BYTE 15
7
comp_p
6
5
4
3
2
1
0
Function
Reserved (read only)
rdacmsb_2
comp_n
Synthesizer lock indication (read only): bits <7:6> = 01 locked,
= 11 above window, = 00 below window, = 10 disallowed indicating error
rdacmsb_1
rdacmsb_0
rdacmux_0
rdacmux_1
rdacmux_2
Table 5.1 540 MHz Channels
Channel
Divider
57.24
10101
Byte 10
001
Band
1
11110001
11110001
Byte 11
57.78
58.32
58.86
59.40
59.94
60.48
61.02
61.56
62.10
62.64
63.18
63.72
64.26
2
64.80
2
10100
10011
10010
10001
10000
11111
00000
00001
00010
00011
00100
00101
00110
00111
001
010
010
011
011
100
100
101
101
110
110
111
111
111
01010011
01000011
00110101
00100101
00010111
00000111
11111001
00001001
00011011
00101011
00111101
01001101
01011111
01101111
01111111
11110001
11110001
11110001
11110001
11110001
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
Reference: 308.571 MHz
Note 1: Band setting typical, may
change from module to module and
temperature.
Note 2: Operation above 64 GHz not
guaranteed over full operating
temperature range.
Channel
Divider
57.0
00001
Byte 10
000
Band
1
11110000
11110000
Byte 11
57.5
58.0
58.5
59.0
59.5
60.0
60.5
61.0
61.5
62.0
62.5
63.0
63.5
64.0
00010
00011
00100
00101
00110
00111
01000
01001
01010
01011
01100
01101
01110
01111
000
001
001
010
010
011
011
100
100
101
101
110
110
111
00010001
00100001
00110011
01000011
01010101
01100101
01110111
10000111
10011001
10101001
10111011
11001011
11011101
11101101
11111111
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
11110000
Reference: 285.714 MHz
Note 1: Band setting typical, may
change from module to module and
temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com