Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEM002 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PEM002
Description  60 GHz Receiver Rx Waveguide Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEM002 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

Back Button PEM002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PEM002 Datasheet HTML 11Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
TECHNICAL DATA SHEET
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 60 GHz Receiver (Rx) Waveguide Module PEM002
PEM002
60 GHz Receiver (Rx) Waveguide Module
PEM002 REV
Receiver Architecture
The PEM002 receiver uses a double conversion superheterodyne architecture with a sliding IF. The IF frequency is at 1/7 the
RF carrier frequency, and the VCO is at 2/7 the RF carrier frequency. The LO is 3x the VCO frequency. The LO and IF are
generated from a built-in synthesizer that has a step size at the RF carrier frequency of either 500 MHz or 540 MHz depending
upon which reference clock frequency is used. The 540 MHz step size uses a 308.571 MHz reference, and the 500 MHz step
uses a 285.714 MHz frequency. The IEEE channels for 802.11ad and 802.11aj are supported when the 540 MHz step size is
used. An RF signal in the range of 57 to 64.8 GHz is coupled to the LNA via the low-loss WR15 waveguide port. The LO is
mixed with the RF signal after the LNA and down converted the IF signal in the 8 to 9 GHz range. A notch filter attenuates the
image frequency. The IF signal is filtered with a variable gain amplifier and filter with approximately 20 dB range, which is then
fed into the quadrature mixers which down converts directly to baseband. There are also selectable AM and FM detectors for
non-coherent modulation schemes. Additional variable gain and filtering are available in the baseband amplifier section which
follows the I/Q mixers and detectors. The overall phase noise and I/Q balance specifications are sufficient for up to 16 QAM
operation. Configuration and settings are controlled through a digital serial interface port. The block diagram below shows
the various stages and circuits in the module.
Var IF
Filter
IF VGA
Synthesizer
57.0 to 64.8 GHz 0.5 or 0.54 GHz step
Serial Control Registers
+1.5
+2.7
0º
90º
FM
DET
AM
DET
Div
x3
2
BB VGA
Var BB
Filter
BB VGA
Var BB
Filter
WR-15 Waveguide
UG-385/U Flange
REFCLKP
REFCLKM
OUT_QM
OUT_QP
OUT_IM
OUT_IP
LNA
Figure 3 PEM002 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com