Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 25 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 25 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 26Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 27Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 28Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 29Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—25
Bit 9
Sync code preceding data reception receive status
flag.
When 1, indicates that there are 2 or less random bit
errors.
This flag is useful in determining data reliability.
Bits 10 to 11
Received message (or address) error correction indi-
cator flags.
Note that 2-bit random errors and 3-bit (or more)
errors are not corrected.
When the transmitted data is an address, a 2-bit ran-
dom error condition is indicated when bits 10 and 11
are both 1.
Bit 12
Parity error indicator flag.
When 1, indicates a parity error.
When 0, indicates no parity error.
Bits 13 to 32
Message (or address) bits.
These bits represent the message (or address) con-
tent, output with MSB first.
End-of-message Data
These bits represent data at the end of a message
(including when using the break command). The
end-of-message data is as follows:
Bits 1 to 3
All 3 bits are set to 1.
Bits 4 to 8
All 5 bits are set to 0.
Bit 9
Sync code preceding data reception receive status
flag.
When 1, indicates that there are 2 or less random bit
errors.
Bits 10 to 12
These bits are unknown data to be ignored.
Bits 13 to 32
All bits are set to 0.
ERR 1
ERR 0
Condition
0
0
No errors
0
1
1-bit error
1
0
2-bit continuous (burst) error
1
1
2-bit random or 3-bit (or more) error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com