Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 23 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 23 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 25Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 26Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 27Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—23
Address Set Flags
In the SM8213AM, each of the 8 independent
addresses can be assigned a frame.
Address settings are made in 8 batches in write mode
immediately after power is applied and immediately
after reset (9 batches total, including the parameter
batch). All batches should be set. If not all batches
are set, subsequent operation may become unstable.
Also, an address setting can be modified during nor-
mal operation, 1 address at a time, with no adverse
effects.
Ensure that there are not multiple writes requests to
turn ON the same address.
Bits 1 to 7
These bits form the address set command.
Bit 8
These bits are the address (bits 9 to 32) enable flags.
When 1, the address set by bits 9 to 32 are valid.
When 0, the address set by bits 9 to 32 are invalid.
Bits 9 to 11
These bits are the address (bits 15 to 32) call sign set
flags.
Using 8-address control, the call signs are A, B, C,
D, E, F, G and H.
Bits 12 to 14
These bits are the address (bits 15 to 32) frame
assign flags.
Any frame can be assigned individually to any of the
8 controllable addresses. Up to 8 frames can be
assigned.
Bits 15 to 32
Address bits.
The 18-bit address should be written with MSB first.
Table 6. Address set flags
Bit
Address setting flag
10
21
31
40
50
60
70
8
ADDRESS ENABLE
9
ADDRESS 2 (ADDR 2)
10
ADDRESS 1 (ADDR 1)
11
ADDRESS 0 (ADDR 0)
12
FRAME 2 (FR 2)
13
FRAME 1 (FR 1)
14
FRAME 0 (FR 0)
15
A1
16
A2
17
A3
18
A4
19
A5
20
A6
21
A7
22
A8
23
A9
24
A9
25
A11
26
A12
27
A13
28
A14
29
A15
30
A16
31
A17
32
A18
ADDR 2
ADDR 1
ADDR 0
Name
000
A
001
B
010
C
011
D
100
E
101
F
110
G
111
H
FR 2
FR 1
FR 0
Frame
0
0
0
Frame 0
0
0
1
Frame 1
0
1
0
Frame 2
0
1
1
Frame 3
1
0
0
Frame 4
1
0
1
Frame 5
1
1
0
Frame 6
1
1
1
Frame 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com