Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—7
FUNCTIONAL DESCRIPTION
Unless otherwise specified, values in diagrams with-
out parentheses are for 512 bps, in ( ) are for 1200
bps, and in [ ] are for 2400 bps. “M” represents the
value of PL5 (MSB) to PL0 (LSB), and “N” repre-
sents the value of RF5 (MSB) to RF0 (LSB).
Receive Format
The receive format conforms to CCIR RPC No. 1 (POCSAG).
Sync signal (SC)
The sync signal is a continuous code word in the
received signal, used for word synchronization. It
comprises 31 bits in an M-series bit pattern plus one
even-parity bit, making a 32-bit signal. The sync
code word pattern is shown in table 1.
Figure 1. Receive signal format
Sync Code Part
1 Batch
Frame Part
01
23
4
56
7
1 Code Word
Sync Code Part
SC
SC
7
0
Sync Code Word
1
32
Address bits
Function bits
Check bits
Message bits
12
19 20
21 22
31
32
0
1
Even - parity bit
Even - parity bit
Check bits
Address signal
Message signal
1 Frame(= 2 Code Words)
Preamble
1st Batch
2nd Batch
Frame No.
Continuous 575 - bit "1, 0" bit pattern
Sync
Code
Sync
Code
Table 1. Sync code format
Bit number
Bit value
Bit number
Bit value
Bit number
Bit value
Bit number
Bit value
1091
17
0
25
1
2
1
101180261
3
1
110190270
4
1
121201281
5
1
130210291
6
1
140221300
7
0
151230310
8
0
160241320



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com