Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 13 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 13 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 17Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—13
Lock mode (dummy address setting is disabled)
If the sync code is detected during the preamble
period, device operation transfers to lock mode and
BS1 goes LOW. BS1 then goes HIGH again under
frame timing, where the frame number is set by flags
FF0 to FF2, and the 28 addresses are compared with
ID-ROM (If the frame number is 0, BS1 stays
HIGH). If errors of 2 bits or less occur, the address is
still recognized. Since there are two code words per
frame, this check is done twice.
When one of the 28 addresses does not match, BS1
goes LOW and the device waits for the next frame or
sync code receive timing. If the sync code is still not
detected after two consecutive attempts, device oper-
ation transfers to idle mode, except during message
reception where operation stays in lock mode. If the
sync code is not detected on the second attempt, but
instead a pattern forming a preamble is detected,
device operation transfers to preamble mode and not
idle mode (preamble mode is more advantageous for
sync code detection).
When one of the 28 addresses does match, ATTN
goes LOW and the 32-address information (see
“Data/Flags” section) is transmitted to the CPU on
SDO in sync with the SCK clock.
When the address information is confirmed to be a
message, BS1 is held HIGH and the message is
received. The received message is stored in a buffer
as
32-bit
error-corrected
information
(see
“Data/Flags” section), then ATTN goes LOW and
the data is transmitted to the CPU on SDO in sync
with the SCK clock.
When the address and message is received, ATTN
should be held LOW while the data is output on
SDO.
When an incoming message spans two or more
batches, additional sync code detection occurs dur-
ing sync code receive timing.
Message reception can be selected to end when
either an address code or idle code is detected, or
when interrupted using the decoder set command
BREAK input. This selection is made when setting
parameters that will not cause the message to termi-
nate. If the BREAK mode is selected, even if an
address other than the self address (MSB = 0) is
received during message reception, reception contin-
ues without interruption and address data is sent to
the microcontroller using the same data handling as
for a message. In this case, reception can only be
interrupted by a BREAK input signal from the
microcontroller.
In either of the above cases, message reception ends
if an end-of-message signal is sent. Note that if the
device address is received, the end-of-message data
is not transmitted.
When message reception ends, BS1 goes LOW and
the device waits for either the address detect timing
of the next frame or the sync code receive timing.
When sending data from the decoder to the micro-
controller, the SCK clock frequency should not be
less than 512, (1200), [2400] Hz. If this occurs, the
SCK counter is reinitialized. This function, however,
does make restoring operation easy even if this or
another clock is accidentally input.
Figure 7. Operating mode transition diagram
PREAMBLE
Mode
LOCK
Mode
IDLE
Mode
B
C
D
E
A
POWER-ON
Mode
G
F
H
A: After reset, parameters/addresses are set and start command
is issued.
B: Rate error or, within a fixed period, preamble pattern/sync
code not detected.
C: Preamble pattern detected.
D: Sync code detected 1 cycle immediately after transfer from
lock mode.
E: Sync code not detected on 2 consecutive attempts
F: Same as E, but preamble detected on the second attempt.
G: Sync code detected.
H: Parameters/addresses are set and start command is issued
from preamble/idle/lock mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com