Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 21 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 21 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 17Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 18Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 19Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 20Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 21Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 22Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 23Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 24Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 25Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—21
Data/Flags
Parameter Set Flags
Bits 1 to 7
These bits form the parameter set command.
Bit 8
This bit selects the output format of the RF DC-level
adjustment signal output on BS2.
When the “BS2 option” flag is 0, pre-receive adjust-
ment mode is selected, and BS2 goes HIGH for a
period of 1.953N ms (0.833N ms) [0.417N ms]
immediately before receive timing during intermit-
tent-duty operation in idle mode. BS2 is held LOW
in preamble and lock mode. Note that values without
parentheses are for 512 bps, in ( ) are for 1200 bps,
and in [ ] are for 2400 bps. “N” represents the value
set by RF5 (MSB) to RF0 (LSB).
When the “BS2 option” flag is 1, mid-receive adjust-
ment mode is selected, with different timing depend-
ing on the mode.
In idle mode, BS2 is held HIGH only during inter-
mittent-duty operation receive timing which is a
period of 62.5 ms (26.7 ms) [13.4 ms].
In preamble mode, BS2 is held LOW.
In lock mode, BS2 is held HIGH during sync code
receive timing. The sync code is a POCSAG-format
conforming signal comprising 32 bits of 16 “0” and
16 “1” bits to maintain energy balance so that, even
for long message reception and fast-changing recep-
tion conditions, it can still be detected.
Bit 9
End-of-message method select flag.
When 0, end of message occurs when either an idle
code word or another address is received during mes-
sage reception, or when a break command is issued
from the CPU.
When 1, end of message occurs only when a break
command is issued from the CPU. So even if another
address is received, the data is sent continuously to
the CPU with message data handling. Therefore, the
signal is considered to be valid even if the service
provider sends a message and not enough informa-
tion is received due to signal noise.
Bit 10
CLKO output clock frequency select flag.
When 0, 76.8 kHz is selected.
When 1, 38.4 kHz is selected.
Table 5. Parameter set flags
Bit
Parameter setting flag
10
21
30
40
50
60
70
8
BS2 OPTION (BS2 option)
9
END OF MESSAGE DETECTION
10
SELECT CLKO FREQUENCY
11
KILL CLKO
12
BIT RATE SET 1 (BRS1)
13
BIT RATE SET 0 (BRS0)
14
SIGNAL POLARITY
15
PL5
16
PL4
17
PL3
18
PL2
19
PL1
20
PL0
21
RF5
22
RF4
23
RF3
24
RF2
25
RF1
26
RF0
27
FILTER ENABLE/ DISABLE
28
FILTER 1
29
FILTER 0
30
ERROR 2 (ER 2)
31
ERROR 1 (ER 1)
32
ERROR 0 (ER 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com