Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—12
Preamble mode
Preamble mode is a continuous 544-bit long period.
If neither a preamble pattern, rate error nor sync code
is detected during this period, operation transfers to
idle mode.
If a preamble pattern is detected, the preamble mode
544-bit long period is recommenced.
If the sync code is detected, AREA goes HIGH and
operation transfers to lock mode. If an error of 2 bits
or less occurs, the detected word is recognized as the
sync code. During the preamble mode interval, BS1
and BS3 are held HIGH. BS2 stays LOW.
Note that a single error occurs when two active edges
occur in the received signal on SIGNAL within 1-bit
unit time. A rate error occurs when the number of
errors in the error counter equals the error threshold
set by flags ER0 to ER2. The error counter is reset
when a preamble pattern is detected.
Idle mode
In idle mode, a check is made for the presence of a
preamble signal when the RF intermittent-duty con-
trol signals (BS1, BS2, BS3) for battery saving are
active. If a preamble pattern is detected, operation
immediately transfers to preamble mode. If a pream-
ble pattern is not detected, intermittent-duty opera-
tion continues.
A preamble pattern is detected when either a 101010
or 010101 6-bit pattern is detected. Since there is a
reasonable probability that this simple pattern can
occur during a valid communicated signal (data, not
preamble), this 6-bit pattern makes returning to pre-
amble mode easier. This is useful for cases where
weak electric fields, noise or other temporary inter-
ference cause device operation to transfer to idle
mode.
Furthermore, the idle mode receive timing immedi-
ately after transfer from lock mode is the same as the
original sync code receive timing. As a result, if a
sync code is detected, operation returns to lock
mode.
Figure 5. Preamble mode internal operation
..1010111010101010..
Preamble Signal
Preamble count
starts
Counting
Count reset to 0
Preamble detected
Preamble count restarts
Error bit
t
t : 1-bit time
tt
t
t
tt
Error counter (e. g. set value
≥ 3)
Preamble and error
count starts
Preamble detected
and count reset
1 01 01 0 1
0 11 12 2 0
Figure 6. Idle mode timing
BS2
(flag BS2 option = 0)
BS1
62.5ms
(26.7ms)
[13.4ms]
1062.5ms (453.3ms) [226.7ms]
Receive timing
1.953*Nms
(0.833*Nms)
[0.417*Nms]
1.953*Mms
(0.833*Mms)
[0.417*Mms]
BS2
(flag BS2 option = 1)
BS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com