Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8213 Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM8213
Description  POCSAG Decoder For Multiframe Pagers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8213 Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM8213 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM8213 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
SM8213AM
NIPPON PRECISION CIRCUITS—5
AC Characteristics
Recommended operating conditions unless otherwise noted
Parameter/address set timing
Auxiliary operating mode set timing
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
XT clock frequency
fCYXT
−250 ppm
76.8
+250 ppm
kHz
XT clock duty cycle
DXT
25–75
%
SCK clock pulsewidth
tPWSC
2
–
150
µs
SCK clock interval
(except WRITE mode)
tCYSC
512 bps
5
–
1900
µs
1200 bps
5
–
830
2400 bps
5
–
415
SCK clock interval (WRITE mode)
tCYSC
5
–
830
µs
SDI data setup time
tSSDI
1––
µs
SDI data hold time
tHSDI
1––
µs
SDO data setup time
tSSDO
3––
µs
SDO data hold time
tHSDO
––0
µs
ATTN data setup time
tSATT
0––
µs
ATTN data hold time
tHATT
1––
µs
CLKO clock rise time
tRCLK
No load
–
–
500
ns
CLKO clock fall time
tFCLK
No load
–
–
500
ns
CLKO clock delay time
DCLKO
––1
µs
RSTN pulsewidth
tPWRS
1––
ms
ATTN
SCK
SDI
12
3
32
INPUT
DATA 1
INPUT
DATA 2
INPUT
DATA 3
INPUT
DATA 32
1/ 2*VDD
tPWSC
tSSDI
tHSDI
tCYSC
tHATT
ATTN
SCK
Decoder Mode
SDI
12
8
Decoder
Setting1
Decoder
Setting 2
Decoder
Setting 8
1/ 2*VDD
Next Mode
Current Mode
tCYSC
tHSDI
tSSDI
tPWSC
tHATT
START command : 66 bit time max
Others : 2 bit time max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com