Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 11Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 12Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 13Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 14Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 15Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 16Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 17Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
E5AZ/E5EZ
15
Model Number Structure
Model Number Legend
Controllers
1. Control Output 1
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
2. Number of Alarms
3: Three alarms
3. Heater Burnout/Heater Short
Blank: None
H:
Heater burnout/Heater short detection (CT1)
4. Option
Blank: None
M: Option Unit can be mounted.
5. Input Type
T: Thermocouple, infrared sensor/platinum resistance
thermometer
L: Analog current/voltage input
6. Power Supply Voltage
Blank: 100 to 240 VAC
D:
24 VAC/VDC
Option Units
1. Applicable Controller
AZ: E5AZ/E5EZ
2. Function
01: RS-232C communications
03: RS-485 communications
B: Two event inputs
Ordering Information
Controllers with Terminal Blocks
13
24 5 6
E5AZ/EZ-
@3@@@@
12
E53-AZ
@
Size
Power supply
voltage
Input type
Alarm
output
Control output
Functions
Previous model
New model
Heater
burnout
Mounting
option
units
1/4 DIN
96
× 96 × 78
(W
× H × D)
100 to
240 VAC
Thermocouple
or Resistance
thermometer
3
Relay output
No
No
E5AZ-R3
E5AZ-A3 + E53-AZR
E5AZ-R3T
Voltage output
(for driving SSR)
No
No
E5AZ-Q3
E5AZ-A3 + E53-AZQ
E5AZ-Q3T
Current output
No
No
E5AZ-C3
E5AZ-A3 + E53-AZC
E5AZ-C3T
Relay output
No
Yes
E5AZ-R3 + E53-AZM
E5AZ-R3MT
Voltage output
(for driving SSR)
No
Yes
E5AZ-Q3 + E53-AZM
E5AZ-Q3MT
Current output
No
Yes
E5AZ-C3 + E53-AZM
E5AZ-C3MT
Relay output
Yes (CT1) Yes
E5AZ-R3 + E53-AZM +
E53-AZH
E5AZ-R3HMT
Voltage output
(for driving SSR)
Yes (CT1) Yes
E5AZ-Q3 + E53-AZM +
E53-AZH
E5AZ-Q3HMT
Analog (current/
voltage)
3
Relay output
Yes (CT1) Yes
None
E5AZ-R3HML
Voltage output
(for driving SSR)
Yes (CT1) Yes
None
E5AZ-Q3HML
Current output
No
Yes
None
E5AZ-C3ML
24 VAC/VDC
Thermocouple
or Resistance
thermometer
3
Relay output
No
Yes
None
E5AZ-R3MTD
Voltage output
(for driving SSR)
No
Yes
None
E5AZ-Q3MTD
Current output
No
Yes
None
E5AZ-C3MTD
Relay output
Yes (CT1) Yes
None
E5AZ-R3HMTD
Voltage output
Yes (CT1) Yes
None
E5AZ-Q3HMTD
Analog (current/
voltage)
3
Relay output
Yes (CT1) Yes
None
E5AZ-R3HMLD
Voltage output
(for driving SSR)
Yes (CT1) Yes
None
E5AZ-Q3HMLD
Current output
---
Yes
None
E5AZ-C3MLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com