Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 48 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 47Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 48Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 49Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 50Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 51Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
E5EZ-PRR
48
Alarm Types
• Alarm outputs are determined by a combination of “alarm type,” “alarm value,” and “alarm hysteresis” alarm output conditions.
• This section describes the “alarm type,” “alarm value,” “upper-limit alarm” and “lower-limit alarm” parameters.
0
Alarm function OFF
Output OFF
1
See note 1.
Upper-and lower-limit
See note 2.
Upper-limit
2
3
Lower-limit
4
See note 1. Upper-and lower-limit range
See note 3.
Upper-and lower-limit with standby sequence
5
See note 1.
See note 4.
(See note 5)
Upper-limit with standby sequence
6
Lower-limit with standby sequence
7
Absolute-value upper-limit
8
Absolute-value lower-limit
9
Absolute-value upper-limit with standby sequence
10
Absolute-value lower-limit with standby sequence
11
ON
OFF
L H
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
SP
ON
OFF
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
X
ON
OFF
SP
ON
OFF
L H
SP
ON
OFF
L H
SP
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
X
ON
OFF
0
SP
ON
OFF
X
L H SP
SP L H
L
SP H
H
LSP
SP H L
H< 0.L >0
|H| < |L|
H> 0.L <0
|H| > |L|
Case 1
Case 2
Case 3 (Always ON)
H< 0.L >0
|H| < |L|
H> 0.L <0
|H| > |L|
H< 0.L <0
L H SP
SP L H
L SP H
H L SP
SP H L
3. Set value: 4 (Upper-and lower-limit range)
2. Set value: 1 (Upper-and lower-limit alarm)
Case 1
Case 2
Case 3 (Always OFF)
4. Set value: 5 (Upper-and lower-limit with standby sequence)
5. Set value: 5 (Upper-and lower-limit with standby sequence)
Alarm
1
Type
2
Alarm output operation
Set
values
Type
When X is positive
When X is negative
Note 1. Upper and lower-limit values can be set independently for each alarm type, and are
expressed as L and H. The set values are 1, 4, and 5.
If there are any overlaps in the upper and lower limits for hysteresis, the alarm will always
be OFF.
There are alarm types 1 to 2 (initial setting level), and settings should be made
independently for each alarm.
The default is 2: upper limit.
alt1
2
l.ini
H< 0.L <0
|H|
≥ |L|
H< 0.L <0
|H|
≤ |L|
H < 0, L < 0
H < 0, L > 0
|H|
≥ |L|
H > 0, L < 0
|H|
≤ |L|
• The upper and lower limit alarms described above.
• In cases 1 and 2, if there is significant overlap between the upper and lower limit values
after hysteresis, the alarm will always be OFF.
Examples of case 1 and 2: In case 3, under general conditions, the alarm is turned OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com