Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 3 Page - Omron Electronics LLC

  E5CZ-R2MLD Datasheet HTML 1Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 2Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 3Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 4Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 5Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 6Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 7Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 8Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
E5CZ/E5CZ-U
3
Model Number Structure
Model Number Legend
Controllers
1. Control Output 1
R: Relay output
Q: Voltage output (for driving SSR)
C: Current output
2. Number of Alarms
2: Two alarms
3. Option
Blank: None
M:
Option Unit can be mounted.
4. Input Type
T: Thermocouple, infrared sensor/platinum resistance
thermometer
L: Analog current/voltage input
5. Power Supply Voltage
Blank: 100 to 240 VAC
D:
24 VAC/VDC
Option Units
1. Applicable Controller
CZ: E5CZ
2. Function 1
Blank: None
H:
Heater burnout/Heater short detection (CT1)
3. Function 2
B: Two event inputs
03: RS-485 communications
Note: Not all combinations of function 1 and function 2 specifications are possible for Option Units (E53-CZ
@@).
Ordering Information
Controllers with Terminal Blocks
Option Units
One of the following Option Units can be mounted to provide the E5CZ with additional functions.
Note: Option Units cannot be used for plug-in models.
These Option Units are applicable only to models released after October 2008.
1 2 345
E5CZ-
@2M@@
2
13
E53-CZ
@@
Size
Power supply
voltage
Input type
Alarm output
Mounting
option units
Control output
Previous
model
New model
1/16 DIN
48
× 48 × 78
(W
× H × D)
100 to 240 VAC
Thermocouple or
Resistance
thermometer
2
No
Relay output
E5CZ-R2
E5CZ-R2T
Voltage output
(for driving SSR)
E5CZ-Q2
E5CZ-Q2T
Yes
Relay output
E5CZ-R2M
E5CZ-R2MT
Voltage output
(for driving SSR)
E5CZ-Q2M
E5CZ-Q2MT
Current output
E5CZ-C2M
E5CZ-C2MT
Analog
(current/voltage)
2Yes
Relay output
None
E5CZ-R2ML
Voltage output
(for driving SSR)
None
E5CZ-Q2ML
Current output
None
E5CZ-C2ML
24 VAC/VDC
Thermocouple or
Resistance
thermometer
2Yes
Relay output
E5CZ-R2MD
E5CZ-R2MTD
Voltage output
(for driving SSR)
E5CZ-Q2MD
E5CZ-Q2MTD
Current output
E5CZ-C2MD
E5CZ-C2MTD
Analog
(current/voltage)
2Yes
Relay output
None
E5CZ-R2MLD
Voltage output
(for driving SSR)
None
E5CZ-Q2MLD
Current output
None
E5CZ-C2MLD
Functions
Previous model
New model
Communications RS-485
E53-CN03N
E53-CZ03
Communications RS-485
Heater burnout
E53-CNH03N
E53-CZH03
Event inputs
E53-CNBN
E53-CZB
Heater burnout
Event inputs
E53-CNHBN
E53-CZHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com