Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 47Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 48Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 49Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 50Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 51Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 52Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 53Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
E5EZ-PRR
50
Parameter Flow
• In each level, if you press the mode key on the final parameter, you will return to the parameter at the top of the level.
Advanced function setting level
init
off
en-m
1
Parameter initialization
none
stop
Event input assignment 1
Event input assignment 2
ospu
off
rest
a
al1n
n-o
Multi-SP uses
on off
Alarm 1 open in alarm
Alarm 1 hysteresis
al2n
n-o
Alarm 2 open in alarm
Alarm 2 hysteresis
alh1
02
alh2
02
C
C
a1lt
off
Alarm 1 latch
a2lt
off
Alarm 2 latch
Alarm 2
OFF delay
Additional MV
for stop/error
a2of
0
Decimal point
is Celsius, and
is Fahrenheit
Temperature unit °C / °F
Input type
in-t
5
l.ini
Scaling upper limit
Scaling lower limit
in-l
0
in-h
100
Initial setting level
dp
0
l.
l.
l.
prlt
3
Move to protect level time
Input error output
cjc
on
Cold junction
compensation method
MB command logic switching
Alarm 1
ON delay
Alarm 2
ON delay
sero
off
a1on
0
off
a2on
0
Alarm 1
OFF delay
a1of
0
l.
l.
l.
l.
l.
l.
l.
on
oanl
on
p-db
0
l.
l.
l.
alfa
0.65
l.
l.
l.
l.
l.
l.
l.
l.
l.
l.
l.
l.
off
Process value dead band
Valve opening display
Manual MV
Limits in effect
l.ini
l.ini
l.ini
d-u
c
sl-h
1300
sl-l
-200
SP upper limit
SP lower limit
Direct / reverse operation
Direct operation:
on-d
Reverse operation:
or-r
Alarm 1 type
alt2
2
Alarm 2 type
Closed / floating
Floating:
flot
Closed:
clos
Motor calibration
Motor calibration:
on
Cancel:
off
alt1
2
clfl
flot
calb
off
Travel time
mot
30
l.ini
l.ini
l.ini
l.ini
l.ini
l.ini
l.ini
l.ini
l.ini
0
Input digital filter
Set the time constant,
in units of s
α
2 PID parameters
Additional PV display
Displayed first in the operation level
off
inf
00
l.
l.
ret
off
l.
ON/OFF setting
of alarm output 1
ON/OFF setting
of alarm output 2
Activate
alarm latch
For analog input
Limit the set point
Select alarm mode
C
C
C
Number of multi-SP
uses
Select 2 or 4.
Input setting:
Multi-SP/RUN/
STOP
Standby sequence reset
Reset conditions after
standby sequence is
canceled.
Switch to advanced function setting level
To switch to the advanced function
setting level, the initial setting/
communications protect parameters
must be set to 0.
Automatic display return time
Automatic return to operation
level when the keys on the front
panel are operated.
Alarm ON/OFF
delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com