Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 35Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 36Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 37Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 38Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 39Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 40Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 41Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
E5EZ-PRR
39
Specifications
Ratings
Communications Specifications
Power supply voltage
100 to 240 VAC, 50/60 Hz
Operating voltage range
85% to 110% of rated supply voltage
Power consumption
10 VA (10 W)
Sensor input
Temperature input type
Thermocouple: K, J, T, E, L, U, N, R, S, B
Platinum resistance thermometer: Pt100, JPt100
Infrared temperature sensor: 10 to 70°C, 60 to 120°C, 115 to 165°C, 140 to 260°C
Voltage input: 0 to 50 mV
Analog (current, voltage) input type
Current input: 4 to 20 mA, 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, 0 to 10 V
Control output
Relay output
(OUT1,OUT2)
SPST-NO, 250 VAC 1A (resistive load)
Electrical life: 100,000 operations, minimum applicable load: 5 V, 10 mA
Potentiometer input
100
Ω to 2.5 KΩ
Alarm output
SPST-NO, 250 VAC 2 A (resistive load)
Electrical life: 100,000 operations, minimum applicable load: 5 V, 10 mA.
Event input
Contact input
ON: 1 k
Ω max., OFF: 100 kΩ min.
Non-contact
input
ON: Residual voltage: 1.5 V max., OFF: Leakage current: 0.1 mA max.
Outflow current: Approx. 7 mA per point
Control method
2-PID control
Setting method
Digital setting using front panel keys
Indication method
7-segment digital display and single-lighting indicators
Character height: PV: 9 mm; SV: 7 mm; MV: 6.8 mm
Other functions
According to controller model
Ambient operating temperature
−10 to 55°C (with no icing or condensation)
Ambient operating humidity
25% to 85%
Storage temperature
−25 to 65°C (with no icing or condensation)
Transmission line connection
RS-485: Multidrop
RS-232C:Point-to-point
Communications method (See
note 1.)
RS-485 (two-wire, half duplex)/RS-232C
Synchronization method
Start-stop synchronization
Baud rate
1,200/2,400/4,800/9,600/19,200 bps
Communications code
ASCII
Data length (See note 2.)
7 or 8 bits
Stop bits (See note 2.)
1 or 2 bits
Error detection
Vertical parity (none, even, odd)
Block check character (BCC)
Flow control
Not available
Interface
RS-485/RS-232C
Retry function
Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com