Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 39Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 40Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 41Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
E5EZ-PRR
43
Operation
Initial hardware setup, including the sensor input type, alarm types, control periods, and other settings is done using parameter displays. The O
and M keys are used to switch between parameters, and the amount of time that you press the keys determines which parameter you move to.
Two typical examples are described as follows.
Explanation of Examples
Changing Parameters
Typical Example 1
intl
onof
in-t
0
M
M
M
in-h
100
in-l
0
intl
onof
25
c
0
Changing Numbers
l.ini
l.ini
l.ini
l.ini
l.ini
0
100.
A
image means that there
are parameters.
Continue pressing the
M key
to change parameters until you
reach the intended parameter.
Numeric data and
selections in each screen
can be changed by using
the
U and D keys.
25
c
0
M
alt1
2
in-t
5
M
al-1
c
20
100
25
c
100
M
M
M
r-5
run
Setup Procedure
Initial setting level
Operation level
Power ON
Power ON
Set input
specifications
Set control
specifications
Set alarm
type
Set alarm
values
Start operation
Start operation
Alarm value 1:
20
Running
Process value/set value/
valve open percentage
Stopped
stop
Check alarm type.
Check input type.
5
Input type
1
Alarm
2
Alarm
Operation level
Operation level
Initial setting level
Control starts.
Control stops.
L
L
l.ini
l.ini
l.ini
l.ini
run
100..0
100..0
C
Input Type
: 5K thermocouple
−200°C to 1300°C
Control Method : PID Control
Alarm 1 Type
: 2 upper limit (deviation)
Alarm Value 1 : 20
°C (deviation)
Set value
: 100
°C
Press the
key for at
least 3 seconds
Press the
key for at
least 1 second
Use the
U and
D keys to set
the SP to 100
°C.
Use the
U and
D keys to set
the alarm value
to 20
°C.
Confirm that
control is
running.
Process value/set
value/valve open
percentage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com