Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2MLD Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # E5CZ-R2MLD
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2MLD Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button E5CZ-R2MLD Datasheet HTML 28Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 29Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 30Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 31Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 32Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 33Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 34Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 35Page - Omron Electronics LLC E5CZ-R2MLD Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
E5
@Z
32
Other Functions
Characteristics
Communications Specifications
Heater Burnout/Heater Short Alarm Characteristics
Item
Previous models
Improved models
Display
---
Display character switch (7-segment/11-segment)
Input
Temperature input shift (1-point shift for temperature input,
2-point shift for no-contact sensor input)
Temperature input shift (2-point shift also possible for
temperature input)
Output
---
Manual outputs
---
Loop break alarm
Control
Control period: 1 to 99 s
Control period: 0.5 or 1 to 99 s
Alarm
---
Alarm delays
Item
Previous models
Improved models
Sampling period
500 ms
250 ms
Item
Previous models
Improved models
Communications protocols CompoWay/F (SYSWAY)
CompoWay/F (SYSWAY), Modbus
Baud rate
1200, 2400, 4800, 9600, 19200 bps
1200, 2400, 4800, 9600, 19200, 38400 bps
Item
Previous models
Improved models
Maximum heater
current
E5CZ
E5CZ-
@2M@ with E53-CNH@N
Single-phase 50 A AC
E5CZ-
@2M@@ with E53-CZH@
Single-phase 50 A AC
E5AZ/EZ
E5
@Z-A3 with E53-AZM and E53-AZH
E5
@Z-R3 with E53-AZM and E53-AZH
E5
@Z-Q3 with E53-AZM and E53-AZH
Single-phase 50 A AC
E5
@Z-@3HM@@
Single-phase 50 A AC
Heater short alarm
---
Heater short alarm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com