Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 12Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 13Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 14Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 15Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 16Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 17Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 64 page
background image
E5AZ/E5EZ
16
Controllers with Terminal Blocks
Option Units
Accessories (Order Separately)
USB-Serial Conversion Cable
Terminal Cover
Waterproof Packing
Current Transformers (CTs)
Size
Power supply
voltage
Input type
Alarm
output
Control output
Functions
Previous model
New model
Heater
burnout
Mounting
option
units
1/8 DIN
48
× 96 × 78
(W
× H × D)
100 to
240 VAC
Thermocouple or
Resistance
thermometer
3
Relay output
No
No
E5EZ-R3
E5EZ-A3 + E53-AZR
E5EZ-R3T
Voltage output
(for driving SSR)
No
No
E5EZ-Q3
E5EZ-A3 + E53-AZQ
E5EZ-Q3T
Current output
No
No
E5EZ-C3
E5EZ-A3 + E53-AZC
E5EZ-C3T
Relay output
No
Yes
E5EZ-R3 + E53-AZM
E5EZ-R3MT
Voltage output
(for driving SSR)
No
Yes
E5EZ-Q3 + E53-AZM
E5EZ-Q3MT
Current output
No
Yes
E5EZ-C3 + E53-AZM
E5EZ-C3MT
Relay output
Yes (CT1) Yes
E5EZ-R3 + E53-AZM +
E53-AZH
E5EZ-R3HMT
Voltage output
(for driving SSR)
Yes (CT1) Yes
E5EZ-Q3 + E53-AZM +
E53-AZH
E5EZ-Q3HMT
Analog (current/
voltage)
3
Relay output
Yes (CT1) Yes
None
E5EZ-R3HML
Voltage output
(for driving SSR)
Yes (CT1) Yes
None
E5EZ-Q3HML
Current output
No
Yes
None
E5EZ-C3ML
24 VAC/VDC
Thermocouple or
Resistance
thermometer
3
Relay output
No
Yes
None
E5EZ-R3MTD
Voltage output
(for driving SSR)
No
Yes
None
E5EZ-Q3MTD
Current output
No
Yes
None
E5EZ-C3MTD
Relay output
Yes (CT1) Yes
None
E5EZ-R3HMTD
Voltage output
Yes (CT1) Yes
None
E5EZ-Q3HMTD
Analog (current/
voltage)
3
Relay output
Yes (CT1) Yes
None
E5EZ-R3HMLD
Voltage output
(for driving SSR)
Yes (CT1) Yes
None
E5EZ-Q3HMLD
Current output
-
Yes
None
E5EZ-C3MLD
Name
Function
Model
Communications Unit
RS-232C Communications
E53-AZ01
RS-485 Communications
E53-AZ03
Event Input Unit
Event input
E53-AZB
Model
E58-CIFQ1
Connectable models
Model
E5AZ
E53-COV11
E5EZ
Connectable models
Model
E5AZ
Y92S-P4
E5EZ
Y92S-P5
Hole diameter
Model
5.8 dia.
E54-CT1
12.0 dia.
E54-CT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com