Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 17Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 18Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 19Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 20Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 21Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 22Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 23Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 24Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
E5AZ/E5EZ
21
Heater Burnout and Heater Short Alarms
Note: 1. If the ON time of control output 1 is less than 190 ms, heater
burnout detection and the heater current will not be
measured.
2. If the OFF time of control output 1 is less than 190 ms,
heater short alarm and the heater current will not be
measured.
Electrical Life Expectancy Curve for
Relays (Reference Values)
E54-CT1
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
Maximum continuous heater current: 50 A (50/60 Hz)
Number of windings: 400±2
Winding resistance: 18±2
Ω
E54-CT3
Thru-current (Io) vs. Output Voltage (Eo)
(Reference Values)
Maximum continuous heater current: 120 A (50/60 Hz)
(Maximum continuous heater current for an OMRON Temperature
Controller is 50 A.)
Number of windings: 400±2
Winding resistance: 8±0.8
Ω
Maximum
heater current
50 A AC
Input current
indication
accuracy
±5% FS ±1 digit max.
Heater burn-
out alarm
setting range
0.1 to 49.9 A (in units of 0.1 A)
0.0 A: Heater burnout/Heater short alarm output
turns OFF.
50.0 A: Heater burnout/Heater short alarm output
turns ON.
Minimum detection ON time: 190 ms (See note 1.)
Heater short
alarm setting
range
0.1 to 49.9 A (in units of 0.1 A)
0.0 A: Heater burnout/Heater short alarm output
turns ON.
50.0 A: Heater burnout/Heater short alarm output
turns OFF.
Minimum detection OFF time: 190 ms (See note
2.)
500
300
100
50
30
10
5
3
1
01
2
3
4
5
6
Switching current (A)
E5EZ
250 VAC, 30 VDC
(resistive load)
cos
φ = 1
1
10
100 mA
1
10
1001,000 A
100 V
10
1
100 mV
10
1
100
µV
10
100
Ω
3%
1%
1 k
Ω
∞
RL = 10
Ω
Distortion
factor 10%
50 Hz
Thru-current (Io) A (r.m.s.)
Thru-current (Io) A (r.m.s.)
1
10
100 mA
1
10
1001,000 A
100 V
10
1
100 mV
10
1
100
µV
10
RL = 10
Ω
100
Ω
50
Ω
3%
1%
Distortion
factor 10%
1 k
Ω
500
Ω
∞
50 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com