Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 58 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 58 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 54Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 55Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 56Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 57Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 58Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 59Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 60Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 61Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 62Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 64 page
background image
E5EZ-PRR
58
Meeting all of your temperature control needs in a wide range of
applications
ES1B Infrared Temperature Sensor
Perform measurements with a contract-free sensor at minimal costs!
• Outputs electromotive forces identical to those of thermocouples, so that it can be connected
directly to temperature controllers that generally use thermocouple input.
• 4 types of specifications. Can be used in all types of temperature measurements, from food
products, packaging, and finished product, all the way to electrical engineering.
• 300 ms high-speed response (63% response time),
±1% and PV's reenactment capabilities,
ensuring high-accuracy temperature measurements.
• Compared to thermocouples, this product has the advantage of being resistant to aging, and can
maintain steady real-time control.
Note: For more detailed information, please refer to other ES1B-related materials.
ES1-L Series of Infrared Temperature Sensors
Able to measure temperatures without contact.
Damage-free, clean, and effective temperature management.
• Comes in two spot diameters: 3 mm dia. and 8 mm dia.
• Recreation accuracy kept within
±0.5°C, with a response speed of 0.4
seconds (95%), along with high accuracy, realizing fast measurement.
• In addition to the original unit for use in medium temperatures (0 to
+500°C), there are new models for use in medium to low temperatures
(
−50 to +500°C) and high temperatures (0 to +1000°C).
• New long distance types enable measuring from distances of 500 mm and
1000 mm.
• By using a programmer (order separately), it is possible to monitor
temperatures as well as make changes to the rate of emissions, switches
between functions, and range of output.
(The picture shows a programmer installed onto an ES1 unit.)
Note: 1. At the time of shipment, the ES1-PRO model's range will have to be changed for
0 to +500°C,
−50°C.
2. This value is based on the energy restriction of 90%. The actual item must be at
least 1.5 times larger.
Note: For more detailed information, please refer to other ES1-L-related materials.
E52 Series of Temperature Sensors
Providing a diverse array of high-accuracy temperature sensors
• Used as a sensor for temperature controllers.
• Guaranteed that clients will be able to easily select the right model according to
their temperature, location, and ambient operating conditions.
• Able to provide numerous models of various different categories, cases,
lengths, and terminal shapes.
• Able to provide low-cost made-to-order models, as well as models for universal
use.
Note: For more detailed information, please refer to other E52-related materials.
Shape, visual features
Specifications
(temperature testing range)
Type
10 to 70°C
ES1B
60 to 120°C
115 to 165°C
140 to 260°C
Type
Range of temperature
measurements
Spot dimensions (See note 2.)
Type
For use with high
temperatures
0 to +1,000°C
35 mm dia. (distance of 1000 mm)
ES1-LW100H
Below 40 mm dia. (distance of 500 mm)
ES1-LW50H
For use with medium to
low temperatures
−50 to +500°C (See note 1.)
35 mm dia. (distance of 1000 mm)
ES1-LW100
Below 40 mm dia. (distance of 500 mm)
ES1-LW50
For use with medium
temperatures
0 to +500°C
3 mm dia. (distance of 30 mm)
ES1-LP3
8 mm dia. (distance of 100 mm)
ES1-LP10
220
2 mm
20 mm
40 mm
60 mm
40
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com