Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 40Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 41Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 42Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 43Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 44Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 45Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 46Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 47Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
E5EZ-PRR
44
Typical Example 2
M
at
off
25
c
150
25
c
150
al-1
c
30
r-5
run
M
M
M
25
100
at
off
25
100
at
on
25
c
0
in-t
9
M
alt1
2
Setup Procedure
Initial setting level
Adjustment level
Operation level
Power ON
Set input
specifications
Set alarm type
AT execution
During AT
execution
Execute AT.
Set alarm value
Start operation
PV/SP
after AT is
stopped
After AT is
stopped
Start operation
Power ON
Operation level
Initial setting level
Operation level
Adjustment level
Operation level
Check the
alarm type.
Alarm
value 1
Running
Stopped
stop
9
Input type
Alarm 1 type:
2
Control stops.
L
Control starts
L
L
Execute AT:
Cancel AT:
l.ini
l.ini
Process value/
set value/
valve open
percentage
run
ON
OFF
l. adj
l. adj
l. adj
100. .0
100. .0
100. .0
100. .0
100. .0
Input type
: 9T thermocouple
−200°C to 400°C
Control method : PID control
Calculate PID constants by AT (auto-tuning).
Alarm 1 type
: 2 upper limit
Set value
: 150
°C
Process value/
set value/valve
open
percentage
Press the
key for
at least 3 seconds
Press the
key for
at least 1 second
Press the
key for
less than 1 second
L
Press the
key for
less than 1 second
Use the
U and
D keys to select
the input type.
Use the
U
and
D keys to
set the SP to
150
°C.
Process value/
set value/valve
open
percentage
150
Confirm that
the set point is
150
°C.
Confirm that
control is
running.
Use the
U and
D keys to set
the alarm value
to 30
°C.
The set
point flashes
during
auto-tuning
(AT)
execution.
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com