Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 27Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 28Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 29Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 30Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 31Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 32Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 33Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 34Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
E5
@Z
31
Specifications (Main Changes)
Ratings
Item
Previous models
Improved models
Power
consump-
tion
E5CZ
7 VA (100 to 240 VAC, 50/60 Hz)
4 VA/3 W (24 VAC, 50/60 Hz or 24 VDC)
7.5 VA (100 to 240 VAC, 50/60 Hz)
5.5 VA/3.5 W (24 VAC, 50/60 Hz or 24 VDC)
E5CZ-U
(No models with plug-in type)
6 VA (100 to 240 VAC, 50/60 Hz)
4.5 VA/2.5 W (24 VAC, 50/60 Hz or 24 VDC)
E5AZ
9 VA (100 to 240 VAC, 50/60 Hz)
5 VA/4 W (24 VAC, 50/60 Hz or 24 VDC)
8.5 VA
6 VA/4 W
E5EZ
9 VA (100 to 240 VAC, 50/60 Hz)
5 VA/4 W (24 VAC, 50/60 Hz or 24 VDC)
8.5 VA
6 VA/4 W
Sensor input
(No models with analog inputs)
E5
@Z-@@@@L@ (Models with analog inputs added.)
Current input: 4 to 20 mA or 0 to 20 mA
Voltage input: 1 to 5 V, 0 to 5 V, or 0 to 10 V
Control
output 1
Relay
E5CZ-R
@@@
SPST-NO, 250 VAC, 3 A (resistive load)
Electrical life: 100,000 operations
E5CZ-R
@@@@
SPST-NO, 250 VAC, 3 A (resistive load)
Electrical life: 100,000 operations
(No models with plug-in type)
E5CZ-R
@@@U
SPDT, 250 VAC, 3 A (resistive load)
Electrical life: 100,000 operations
E5AZ-R
@@@
SPST-NO, 250 VAC, 5 A (resistive load)
Electrical life: 100,000 operations
E5AZ-R
@@@@@
SPST-NO, 250 VAC, 5 A (resistive load)
Electrical life: 100,000 operations
E5EZ-R
@@@
SPST-NO, 250 VAC, 5 A (resistive load)
Electrical life: 100,000 operations
E5EZ-R
@@@@@
SPST-NO, 250 VAC, 5 A (resistive load)
Electrical life: 100,000 operations
Voltage
E5CZ-Q
@@@
12 VDC
±15% (PNP)
Max. load current: 21 mA
With short-circuit protection
E5CZ-Q
@@@@
12 VDC
±15% (PNP)
Max. load current: 21 mA
With short-circuit protection
(No models with plug-in type)
E5CZ-Q
@@@U
12 VDC
±15% (PNP)
Max. load current: 21 mA
With short-circuit protection
E5AZ-Q
@@@
12 VDC +15%/
−20% (PNP)
Max. load current: 40 mA
With short-circuit protection
E5AZ-Q
@@@@@
12 VDC +15%/
−20% (PNP)
Max. load current: 40 mA
With short-circuit protection
E5EZ-Q
@@@
12 VDC +15%/
−20% (PNP)
Max. load current: 40 mA
With short-circuit protection
E5EZ-Q
@@@@@
12 VDC +15%/
−20% (PNP)
Max. load current: 40 mA
With short-circuit protection
Current
E5CZ-C
@@@
4 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,600
E5CZ-C
@@@@
4 to 20 mA DC or 0 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,700
E5AZ-C
@@@
4 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,600
E5AZ-C
@@@@
4 to 20 mA DC or 0 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,700
E5EZ-C
@@@
4 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,600
E5EZ-C
@@@@
4 to 20 mA DC or 0 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,700
Display
method
E5CZ/CZ-U 7-segment digital display and single-LED indicators
11-segment digital display and single-LED indicator
(Improved visibility)
(A 7-segment digital display also possible.)
E5AZ/EZ
7-segment digital display and single-LED indicators
11-segment digital display and single-LED indicator
(Improved visibility)
(A 7-segment digital display also possible.)
Transfer output
(No models with transfer outputs)
E5
@Z-C@@@@
Allocated to current output
4 to 20 mA DC or 0 to 20 mA DC
Load: 600
Ω max.
Resolution: Approx. 2,700 (4 to 20 mA DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com