Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E5CZ-R2TU Datasheet HTML 31Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 32Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 33Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 34Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 35Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 36Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 37Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 38Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
E5
@Z
35
Precautions for Operation
1. It takes approximately 2 seconds for the outputs to turn ON from
after the power supply is turned ON. Due consideration must be
given to this time when incorporating Temperature Controllers in a
sequence circuit.
2. When using self-tuning, turn ON power for the load (e.g., heater)
at the same time as or before supplying power to the Temperature
Controller. If power is turned ON for the Temperature Controller
before turning ON power for the load, self-tuning will not be
performed properly and optimum control will not be achieved.
3. When starting operation after the Temperature Controller has
warmed up, turn OFF the power and then turn it ON again at the
same time as turning ON power for the load. (Instead of turning the
Temperature Controller OFF and ON again, switching from STOP
mode to RUN mode can also be used.)
4. Avoid using the Controller in places near a radio, television set, or
wireless installing. These devices can cause radio disturbances
which adversely affect the performance of the Controller.
USB-Serial Conversion Cable
1. The disk that is included with the Conversion Cable is designed for
a computer CD-ROM driver. Never attempt to play the disk in a
general-purpose audio player.
2. Do not connect or disconnect the Conversion Cable connector
repeatedly over a short period of time. The computer may
malfunction.
3. After connecting the Conversion Cable to the computer, check the
COM port number before starting communications. The computer
requires time to recognize the cable connection. This delay does
not indicate failure.
4. Do not connect the Conversion Cable through a USB hub. Doing
so may damage the Conversion Cable.
5. Do not use an extension cable to extend the Conversion Cable
length when connecting to the computer. Doing so may damage
the Conversion Cable.
6. For models with communications, the same port is used by the
Setting Tool port and for communications via the communications
terminals. Do not use communications via the communications
terminals when using the Setting Tool port.
Mounting
Mounting to the Panel
E5CZ
1. For waterproof mounting, waterproof packing must be installed on
the Controller. Waterproofing is not possible when group mounting
Controllers. Waterproof packing is not necessary when there is no
need for the waterproof function.
There is no waterproof function for the E5CZ-U.
2. Insert the E5CZ/E5CZ-U into the mounting hole in the panel.
3. Push the adapter from the terminals up to the panel, and
temporarily fasten the E5CZ/E5CZ-U.
4. Tighten the two fastening screws on the adapter. Alternately
tighten the two screws little by little to maintain a balance. Tighten
the screws to a torque of 0.29 to 0.39 N·m.
E5EZ/E5AZ
1. For waterproof mounting, waterproof packing must be installed on
the Controller. Waterproofing is not possible when group mounting
Controllers. Waterproof packing is not necessary when there is no
need for the waterproof function.
2. Insert the E5AZ/E5EZ into the square mounting hole in the panel
(thickness: 1 to 8 mm). Attach the Mounting Brackets provided
with the product to the mounting grooves on the top and bottom
surfaces of the rear case.
3. Use a ratchet to alternately tighten the screws on the top and
bottom Mounting Brackets little by little to maintain balance, until
the ratchet turns freely.
Mounting the Terminal Cover
For the E5CZ, make sure the “UP” characters on the Cover are in the
correct position and insert the Cover into the holes at the top and
bottom.
For the E5EZ or E5AZ, fit the E53-COV11 Terminal Cover over the
upper hook. Mount it in the direction shown in the above diagram. If
the Terminal Cover is mounted in the opposite direction, proper
mounting of the fixtures may not be possible.
Terminal Cover
E53-COV17
(order separately)
Adapter
(order separately)
E5CZ
E5CZ-U
Order the P2CF-11 or
P3GA-11 Socket separately.
For Front-mounting Socket
(Panel mounting is also possible.)
Waterproof packing
(Accessory)
Panel
Terminal Cover
(E53-COV11)
Terminal Cover
(E53-COV11)
(order separately)
Mounting
Bracket
(Accessory)
Panel
Waterproof packing
(Accessory)
Mounting
Bracket
(Accessory)
Panel
Waterproof packing
(Accessory)
E5EZ
E5AZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com