Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CZ-R2TU Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E5CZ-R2TU
Description  Digital Temperature Controllers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CZ-R2TU Datasheet(HTML) 2 Page - Omron Electronics LLC

  E5CZ-R2TU Datasheet HTML 1Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 2Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 3Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 4Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 5Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 6Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 7Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 8Page - Omron Electronics LLC E5CZ-R2TU Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
2
Digital Temperature Controllers
E5CZ/E5CZ-U
(48
× 48 mm)
This Best-selling General-purpose
48
×48-mm Temperature Controller
Is Now Even Better.
• Controllers now available with analog inputs.
• Faster sampling at 250 ms.
• Transfer output provided for easy output to recorders.
• Models available with a loop break alarm (LBA) and
heater short alarm (HS alarm).
• Easy setting with 11-segment displays.
• Setting protection indicator informs operator when
protection is enabled.
• Manual output provided.
• New protocol called Modbus is installed in the models
with communications.
• USB-Serial conversion cable is available.
Note: Refer to Precautions on page 33.
Note: Refer to page 30 for information on changes in comparison to
previous models.
Main I/O Functions
48
× 48 mm
E5CZ
48
× 48 mm
E5CZ-U
Event Inputs
• None
• Two
Sensor Inputs
• Universal thermocouple/Pt inputs
(Models with temperature inputs)
• Analog current/voltage inputs
(Models with analog inputs)
Indication Accuracy
E5CZ
• Thermocouple input:
±0.5% of PV
• Pt input:
±0.5% of PV
E5CZ-U
• Thermocouple input:
±1% of PV
• Pt input:
±0.5% of PV
• Analog input:
±0.5% FS
Sampling Period
• 250 ms
Control Output 1
• Relay output
• Voltage output (for driving SSR)
• Current output
Alarm Outputs
• Two
2-level Display: PV and SV
4-digit Display
E5CZ
• Auto/manual switching
• Models also available with RS-485
communications
This data sheet is provided as a guideline for selecting products. Be sure to refer to the following user manuals for application precautions
and other information required for operation before attempting to use the product.
E5CZ/E5CZ-U/E5AZ/E5EZ Digital Temperature Controllers User's Manual (Cat. No. H207)
E5CZ/E5CZ-U/E5AZ/E5EZ Digital Temperature Controllers Communications Manual (Cat. No. H208)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com