Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
H7CX-A
@-N
8
Connections
Terminal Arrangement
Confirm that the power supply meets specifications before use.
Transistor Output
• The transistor output of the H7CX is isolated from the internal
circuitry by a photocoupler, so the transistor output can be used as
both NPN and PNP output.
• The diode connected to the collector of the output transistor is used
to absorb inverted voltage that is generated when an inductive load
is connected to the H7CX.
H7CX-A-N/-A4-N
H7CX-AD-N/-A4D-N
H7CX-AS-N/-A4S-N
1-stage Contact Output
1-stage Contact Output
Terminals 1 and 6 are connected internally.
1-stage Transistor Output
H7CX-ASD-N/-A4SD-N
H7CX-AW-N/-A4W-N/-AWD1-N/-AU-N/-AUD1-N
H7CX-AWS-N/-AWSD1-N/-AUSD1-N
1-stage Transistor Output
Terminals 1 and 6 are connected internally.
2-stage Contact Output
2-stage Transistor Output
H7CX-AWSD-N/-A4WSD-N
H7CX-A11-N/-A114-N/-A11D1-N/-A114D1-N
H7CX-A11S-N/-A114S-N/-A11SD1-N
2-stage Transistor Output
Terminals 1 and 6 are connected internally.
1-stage Contact Output
1-stage Transistor Output
6789
10
11
OUT
(
−)
(
+)
0 V
12345
Sensor
12 VDC
External
power supply
6789
10
OUT
(
+)
(
−)
0 V
12345
6789
10
11
12345
OUT
0 V
(
−)
(
+)
Sensor
12 VDC
External
power supply
6789
10
0 V
12345
OUT
(
+)
(
−)
6789
10
11
12
13
OUT1
12345
OUT2
(
+)
(
−)
0 V
(
−)
(
+)
12 VDC
External
power supply
Sensor
12
13
*1
1: “-AU
@” Models
*
*
6789
10
11
12
13
12345
OUT1
OUT2
0 V
(
+)
(
−)
(
−)
(
+)
Sensor
12 VDC
External
power supply
6789
10
12
13
0 V
12345
OUT1
OUT2
(
+)
(
−)
6
7
8
9
10
11
1
2
3
4
5
(
+)
(
−)
OUT
0 V
(
−)
(
+)
Reset
Total reset
CP2
CP1
Sensor
12 VDC
External
power supply
Internal circuit
6
7
8
9
10
11
1
2
3
4
5
0 V
OUT
(
+)
(
−)
(
−)
(
+)
Reset
Total reset
CP2
CP1
Sensor
12 VDC
External
power supply
Internal circuit
Power for load
+
Load
Power for load
+
Load
NPN Output
PNP Output
Power for load
+
Counter
Inductive
load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com