Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 51 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 51 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 47Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 48Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 49Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 50Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 51Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 52Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 53Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 54Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 55Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
H7CX-R
@-N
51
Precautions on Replacing the AMD-S
Terminal Arrangement and Wiring Connections
Note: 1. Wiring must be changed from an 8-pin socket to an 11-pin socket.
2. Take into consideration the length of the wires and the terminal numbers.
3. Order the P2CF-11Connecting Socket separately.
Setting Procedure
Perform the following settings to achieve the functions of the AMD-S
using the H7CX-R11-N.
DIP Switch Settings
Note: The characters displayed in reverse video are the default
settings.
* Refer to page page 43 for information on DIP switch settings.
Operation Key Settings
Note: The characters displayed in reverse video are the default
settings.
Characteristics
* When set to AMD mode.
The H7CX-R11-N is the recommended model for replacing the AMD-S-series Motion Detector. Refer to the following precautions before
replacing the AMD-S.
AMD-S
H7CX-R11-N
3
4
5
6
2
1
8
7
Sensor
Tc
Ta
Relay output
100/110 VAC
(200/220 VAC)
Tb
8PFA
Black (white)
Brown (red)
Blue (black)
• Connection Sockets: 8PFA
5
4
6
7
8
2
3
1
11
10
9
HOLD
HOLD
Tb
Ta
Relay output
100 to 240 VAC
Tc
P2CF-11
Black (white)
Brown (red)
Blue
(black)
Sensor
• Connection Sockets: P2CF-11
Model
AMD-S
H7CX-R11-N
Item
DIP switch pin status *
Set
value
Measuring
ranges
0.01 to 0.1 s
(AMD-S
@1), 0.1
to 1 s (AMD-
S
@2), 1 to 10 s
(AMD-S
@3)
Set DIP switch pin 1 to ON for
AMD-compatible mode.
1 ms
10 ms
Output
mode
Rotation
increase
detection
(AMD-SU
@)
Rotation
decrease
detection
(AMD-SL
@)
Average
process-
ing
None
Input
mode
Voltage Input
OFF
ON
12345678
ON
ON
OFF
ON
AMD compatible
AMD compatible
10 ms
1 ms
Counting Speed /
Minimum input signal width
Input
mode
Pin 2
Pin 1
OFF
ON
12345678
Lower
limit
OFF
ON
12345678
Upper
limit
OFF
ON
12345678
OFF
OFF
ON
12345678
PNP
Model
AMD-S
H7CX-R11-N
Item
Parameter
s
Setting range
Set
value
Startup
time
Fixed (0.1 to 10 s)
Model
AMD-S
H7CX-R11-N
Item
Supply voltage
−100 to 110 VAC
−200 to 220 VAC
−100 to 240 VAC
Input method
Voltage input (high: 4 to 14
V, low: 0 to 1 V)
No-voltage input/voltage
input (high: 4.5 to 30 V, low:
0 to 2 V)
External pow-
er supply
12 VDC
±1 V, 12 mA
12 VDC (
±10%), 100 mA
Relay output
5 A at 200 VAC (resistive
load)
3 A at 250 VAC/30 VDC
(resistive load)
Output mode
Rotation increase (AMD-
SU
@)
Rotation decrease (AMD-
SL
@)
HI-LO, AREA, HI-HI, LO-LO
(Set using DIP switch.)
Setting meth-
od
Input pulse interval (s)
Input pulse interval (s) *
Detection rota-
tion rate range
6 to 6,000 rpm
(for 1 pulse/rotation)
0.00006 to 20,000 rpm *
(for 1 pulse/rotation)
Startup time
Always from 0.1 to 10 s
(Always 10 s if not
specified.)
Setting range: 0.0 to 99.9 s
Life expectan-
cy
Output relay electrical
operations of 500,000 min.
Output relay electrical
operations of 100,000 min.
Memory back-
up
None
EEPROM (overwrites:
100,000 times min.)
stmr
(STMR)
(99.9 s)
(0.0 s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com