Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 13Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 14Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 15Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 16Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 17Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 18Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 19Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
16
H7CX-A
@-N
Counter
Run mode
Power ON
Function
setting mode
*3
*7
*5 Displayed for output modes other than K-2, D, L, and H only.
*5
*5
*6 Displayed only when the input mode is
ud-a, ud-b, or ud-c.
(Not displayed when the function is set to
twn.)
Note: Displayed only when the output mode is C, R, K-1, P, Q, A,
or K-2.
Note: Displayed for terminal-block models (except H7CX-A11
@) only.
*3 When Using Dual Counter
Operation
*7 Set each digit using the individual
U (D) Keys.
Note: Displayed only when the
output mode is C, R, K-1, P, Q,
A, or K-2.
Note: Displayed for output modes
other than D, L, and H.
HOLD cannot be set when
the output mode is K-2.
*7 Set each digit using the individual
U (D) Keys.
Note: Displayed only when Twin Counter Mode is not selected.
(Red)
(Green) (Orange) (Red-green) (Green-red) (Red-orange) (Orange-red) (Green-orange) (Orange-green)
3 s min.*2
3 s min.*1
Step3
Parameters that cannot be set with the DIP switch are set with the operation keys on the front panel.
Change to Function Setting Mode.
Input mode
(CNTM)
Output
time
(OTIM)
Output mode
(OUTM)
NPN/PNP
input mode
(IMOD)
Display color
(COLR)
(1 ms)
(20 ms)
(No decimal point)
Prescale
value
(PSCL)
Counting
speed
(CNTS)
(30 Hz)
(5 kHz)
(PNP input)
(NPN input)
The characters displayed in reverse video are the default settings.
When performing settings with operation keys only, set pin1 of the DIP switch to OFF (factory setting).
If pin 1 of the DIP switch is set to ON, the setting items indicated by
will not be displayed.
For 6-digit models, only
U Keys are provided.
Displays for 6-digit models are given in parentheses.
(N)
(0.50 s) (99.99 s)
(0.01 s)
(0.01 s) (99.99 s)
(Outputs held)
(F)
(C)
(R)
(K-1)
(P)
(Q)
(A)
(K-2)
(D)
(L)
(H)
*6
*6
*6
*6
(DOWN) (UP/DOWN A)(UP/DOWN B)(UP/DOWN C)
(UP)
(99.999)
(1.000)
(0.001)
(0.50 s) (99.99 s)
(0.01 s)
To next page
From next page
(Addition) (Subtraction)
*4
Reset input
signal width
(IFLT)
Decimal
point position
(DP)
• Set the input mode using the
U (D) Keys.
• Set the output mode using the
U (D) Keys.
• Set each digit using the individual
U (D) Keys.
• Set the counting speed using the
U (D) Keys.
• Set the Reset input signal width using the
U (D) Keys.
• Set the decimal point position using the
U (D) Keys.
(One digit after
decimal point)
(Two digits after
decimal point)
(Three digits after
decimal point)
• Set each digit using the individual
U (D) Keys.
(9.999)
• Set the NPN/PNP input mode using the
U (D) Keys.
• Set the display color using the
U (D) Keys.
Dual count
calculating
mode
(ADD)
• Set the dual count calculating
mode using the
UD Keys.
*4 Displayed only when the output mode is K-2,
D, L, or H.
When using as a 2-stage preset counter
One-shot
output 2
time
(OTM2)
One-shot
output 1
time
(OTM1)
Note: Displayed only when the
output mode is C, R, K-1, P, Q,
A, or K-2.
(0.50 s) (99.99 s)
(0.01 s)
When using as a batch counter
One-shot
output 2
time
(OTM2)
grn
red
org
r-g
g-r
r-o
o-r
g-o
o-g
up
down
n
f
0.01
99.99
0.50
30hz
1ms
0.001
99.999
9.999
1.000
pnp
npn
20ms
cr
k-1
k-2
pqa
dlh
sub
add
0.50
hold 0.01 99.99
0.01 0.50 99.99
0.01
99.99
ud-a
ud-b
ud-c
*1 If the mode is switched to the function setting mode during operation, operation will continue.
*2 Changes made to settings in function setting mode are enabled for the first time when the mode is changed to run mode. Also,
when settings are changed, the counter is reset (present value initialized and output turned OFF) on returning to run mode.
If the output time is 0.00,
hold is displayed.
Note: Displayed only when the
output mode is C, R, K-1, P,
Q, or A.
Note: Displayed only when the
output mode is C, R, K-1, P,
Q, or A.
(0.50 s) (99.99 s)
(0.01 s)
Twin Counter
Output 2
output
time
(OTM2)
Output 1
output
time
(OTM1)
0.50
0.01
99.99
(0.50 s) (99.99 s)
(0.01 s)
0.50
0.01
99.99
For details on operations and display in run mode, refer to page page 20.
The display depends on the selected configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com