Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 38Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 39Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 40Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 41Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 42Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 43Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 44Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 45Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
42
H7CX-R
@-N
Accessories (Order Separately)
Soft Cover
Y92A-48F1
Protecting the Timer in Environments Subject to Oil
Hard Cover
Y92A-48
Order the Waterproof Packing separately if it is lost or damaged.
The Waterproof Packing can be used to achieve protection equivalent
to IP66.
(The Waterproof Packing will deteriorate, harden, and shrink
depending on the application environment. To ensure maintaining the
NEMA4 waterproof level, periodically replace the Waterproof
Packing. The periodic replacement period will depend on the
application environment. You must confirm the proper replacement
period. Use 1 year or less as a guideline. If the Waterproof Packing is
not replaced periodically, the waterproof level will not be maintained.)
It is not necessary to mount the Waterproof Packing if waterproof
construction is not required.
Connection Sockets
Refer to Connection Sockets on page page 13 for details.
Optional Products for Track Mounting
Refer to Optional Products for Track Mounting on page page 14 for details.
The H7CX's panel surface is water-resistive (conforming to IP
@6,
UL Type 4X) and so even if drops of water penetrate the gaps
between the keys, there will be no adverse effect on internal circuits.
If, however, there is a possibility of oil being present on the
operator's hands, use the Soft Cover. The Soft Cover ensures
protection equivalent to IP54 against oil. Do not, however, use the
H7CX in locations where it would come in direct contact with oil.
Note: Depending on the operating environment, the condition
of resin or rubber products may deteriorate, or they may
shrink or become harder. Therefore, it is recommended
that resin products be replaced regularly.
Y92F-45
Use this Adapter to install the
Counter/Tachometer in a cutout
previously made for a DIN 72
× 72 mm
device (panel cutout: 68
× 68 mm).
Flush Mounting
Adapter
Y92F-30
Order a Flush Mounting Adapter
separately if the product is to be
flush-mounted.
Waterproof Packing
Y92S-29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com