Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 27 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 23Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 24Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 25Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 26Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 27Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 28Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 29Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 30Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
H7CX-A
@-N
27
Tachometer
Setting Procedure Guide
Tachometer Operation
After making DIP switch settings for basic operations, advanced functions can be added using the operation keys.
For details, refer to page page 28.
Step1
The H7CX is factory-set to the 2-stage counter configuration (1-stage counter configuration for
H7CX-AU
@-N models).
Enter configuration selection mode using the following chart and set the tachometer mode.
OFF
ON
OFF
ON
OFF
OFF
ON
ON
Upper/lower limit output
Range output
Upper limit output
Lower limit output
OFF
ON
OFF
ON
OFF
OFF
ON
ON
OFF
2 times
4 times
8 times
---
---
---
Step2
Key-protect switch
Disabled
Enabled
Refer to the table on the right.
30 Hz
10 kHz
DIP switch settings
Counting speed
Tachometer output mode
Average processing
Input selection
NPN
PNP
Note: All pins are factory-set to OFF.
Step3
Set the basic parameters.
(If the desired I/O mode is not listed below or to set all parameters using the front panel keys, perform
,
below.)
Note:
can be performed first, followed by
.
Item
OFF
ON
Step2
Step1
Hold down for 1 s min.
Switch from
2cnt (2-stage preset counter mode) to taco (tachometer mode)
using the
U Key.
Run mode
Power ON
1
+
Hold down for 1 s min.
1
+
Configuration
selection mode
Refer to the table on the right.
Tachometer output mode
Pin 4
Pin 3
Average processing
Pin 6
Pin 5
1
2
3
4
5
6
7
8
• When setting functions using the DIP switch, be sure to set pin 1 of the DIP switch to ON.
• DIP switch settings are effective when the power is turned ON again. (Perform DIP switch settings while the power is OFF.)
Be sure to set pin 1 to ON.
OFF
ON
12345678



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com