Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 1 Page - Omron Electronics LLC

  H7CX-R11-N Datasheet HTML 1Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 2Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 3Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
1
New Product
Multifunction Counter/Tachometer
H7CX-@-N
Ultra-compact Counter Provides More
Complete Functionality.
Basic Features
• Short body with depth of only 59 mm (for 12 to 24-VDC Models with Screw
Terminals).*1
• Better readability with character height of 12 mm on 4-digit models and 10 mm
on 6-digit models.
• The present value display characters can be switched between red, green, and
orange.*2
Safety and Reliability
• New set value limit and counter functions have been added.
Other Features
• Front Panel can be changed to white or light gray.*3
• Models with two independent tachometer inputs have been added to the series.
*1.For 100 to 240-VAC Models with Screw Terminals: 78 mm, Models with Sockets: 63.7 mm (case dimension).
*2.The H7CX-A11 and H7CX-R11 have only red characters.
*3.The Front Panel can be replaced with an optional Front Panel (except for Tachometer-only Models).
Features
Basic Features
Ultra Short Body
The body depth has been greatly reduced. Helps in making thinner
control panels.
Easier to Read
For better readability, the character height for the present value
display is 12 mm on models with 4 digits, the largest class in the
industry. The wide viewing angle and brightness provide excellent
visibility. The number of display segments has also been increased to
make settings easier to understand, and the present value display
can be switched between red, green, and orange so that output status
can be seen from a distance.
Note: The display color can be switched on all models except for the
H7CX-A11 and H7CX-R11.
The Easiest Operation
Operation is simplified by the
Up/Down Key for each digit
on 4-digit models and Up
Key for each digit on 6-digit
models.
Safety and Reliability
Isolated Power Supply and Input Circuits
Power supply circuit and input circuits are isolated inside the Counter/
Tachometer. Previous non-isolated counters had wiring restrictions
and could be damaged if wired incorrectly. The H7CX removes these
worries.
Note: Except 12 to 24-VDC models.
Set Value Limit
You can set an upper limit for the set value to prevent unexpected
operation of output devices caused by setting mistakes.
Output Counter
The output counter counts the number of times the output turns ON
(alarms can be displayed and the count can be monitored in
increments of 1,000 operations). This counter is useful in managing
the service life of the Counter/Tachometer or the load.
Refer to Safety Precautions on page 52.
12 to 24-VDC Models with Screw Terminals: 59 mm
100 to 240-VAC Models with Screw Terminals: 78 mm*
Models with Sockets: 63.7 mm (case dimension)
* Power supply circuit and input circuits are isolated for safety and reliability.
New models
Previous
models
12 mm
(actual size)
Model with 4 Digits
Model with 6 Digits
10 mm
(actual size)
(Display example)
New
models
Previous
models
Easy to read from the top, bottom,
and sides!
Model with 4 Digits
Model with 6 Digits
For 1,000 pieces
No overflow
Setting the upper limit of the set
value enables worry-free operation.


Similar Part No. - H7CX-R11-N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H7CX-A OMRON-H7CX-A Datasheet
2Mb / 43P
Multifunction Preset Counter
H7CX-A11 OMRON-H7CX-A11 Datasheet
2Mb / 43P
Multifunction Preset Counter
H7CX-A114 OMRON-H7CX-A114 Datasheet
2Mb / 43P
Multifunction Preset Counter
H7CX-A114D OMRON-H7CX-A114D Datasheet
2Mb / 43P
Multifunction Preset Counter
H7CX-A114D1 OMRON-H7CX-A114D1 Datasheet
2Mb / 43P
Multifunction Preset Counter
More results

Similar Description - H7CX-R11-N

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KC-LCDC-48-2R-24VDC PF-KC-LCDC-48-2R-24VDC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-2R-230VAC PF-KC-LCDC-48-2R-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-2T-24VDC PF-KC-LCDC-48-2T-24VDC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-2T-230VAC PF-KC-LCDC-48-2T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDC-48-6T-230VAC PF-KC-LCDC-48-6T-230VAC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KC-LCDL-48-2R-24VDC PF-KC-LCDL-48-2R-24VDC Datasheet
1Mb / 3P
Timer, Counter, Tachometer
KCT-6S-C PF-KCT-6S-C Datasheet
1Mb / 2P
Timer, Counter, Tachometer
KCT-6ST-C PF-KCT-6ST-C Datasheet
1Mb / 3P
Timer, Counter, Tachometer
TC-LCDC-8A-24VDC PF-TC-LCDC-8A-24VDC Datasheet
705Kb / 3P
Counter/Timer/Tachometer
logo
Omron Electronics LLC
H7CC OMRON-H7CC Datasheet
15Mb / 66P
Digital Counter/Tachometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com