Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11-N Datasheet(PDF) 53 Page - Omron Electronics LLC

Part # H7CX-R11-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11-N Datasheet(HTML) 53 Page - Omron Electronics LLC

Back Button H7CX-R11-N Datasheet HTML 48Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 49Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 50Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 51Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 52Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 53Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 54Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 55Page - Omron Electronics LLC H7CX-R11-N Datasheet HTML 56Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
H7CX-
@-N
53
• H7CX models with a 12 to 24-VDC power supply use a
transformer-free power supply method in which the power supply
terminals are not isolated from the signal input terminals. If a non-
isolating DC power supply is used, unwanted current paths may
occasionally burn or destroy internal components depending on
the wiring. Always check the wiring sufficiently before use.
• An inrush current of approx. 10 A will flow for a short time when the
power supply is turned ON. If the capacity of the power supply is
not sufficient, the Counter may not start. Be sure to use a power
supply with sufficient capacity.
• Maintain voltage fluctuations in the power supply within the
specified operating voltage range.
• When turning the power ON and OFF, input signal reception is
possible, unstable, or impossible as shown in the diagram below.
• Inrush current generated by turning ON or OFF the power supply
may deteriorate contacts on the power supply circuit. Turn ON or
OFF to a device with the rated current of more than 10 A.
• The capacity of the external power supply is 100 mA at 12 V. When
using a 24 VAC/12 to 24 VDC power supply, reduce the load with
the power supply voltage, as shown in the following diagram (DC
power supplies only).
• If the prescale value setting is incorrect, a counting error will occur.
Check that the settings are correct before using this function.
• Make sure that all settings are appropriate for the application.
Unexpected operation resulting in property damage or accidents
may occur if the settings are not appropriate.
• Do not leave the Counter for long periods at a high temperature
with output current in the ON state. Doing so may result in the
premature deterioration of internal components (e.g., electrolytic
capacitors).
• EEPROM is used as backup memory when the power is
interrupted. The write life of the EEPROM is 100,000 writes. The
EEPROM is written at the following times:
• When the power supply is turned OFF
• When switching from Configuration Selection Mode or Function
Setting Mode to Run Mode
• Dispose of the product according to local ordinances as they apply.
• Attach the front panel when using the Counter. The tabs in the
middle of each of four sides secure the front panel to the main
body. To remove the panel, widen the four tabs and pull the panel
toward you.
To mount the panel, fit all four tabs correctly into the grooves on the
main body.
• When conforming to EMC standards, refer to the information
provided in this datasheet for cable selection and other conditions.
• This is a class A product. In residential areas it may cause radio
interference, in which case the user may be required to take
adequate measures to reduce interference.
•H7CX-A
@-N: Basic insulation is provided between power supply
and input terminals, between power supply and output terminals,
and between input and output terminals. (However, no insulation is
provided between the power supply and input terminals for the
H7CX-A
@D-N.)
•H7CX-R
@-N: Basic insulation is provided between power supply
and input terminals and between input and output terminals.
• When double insulation or reinforced insulation is required, apply
double insulation or reinforced insulation as defined in IEC 60664
that is suitable for the maximum operating voltage with clearances
or solid insulation.
• Connect the input and output terminals to devices that do not have
any exposed charged parts.
Precautions for Correct Use
Input
Impossible
200 ms
5 ms
0 to 90 ms
0 to 1 s
Possible
Unstable
Unstable Impossible
Power
supply
ON
OFF
Power supply voltage (VDC)
10.8
15
100
20
Conformance to EN/IEC Standards
Tabs
Grooves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com