Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 13Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 14Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
H7CX-A
@-N
11
Dimensions with Flush Mounting Adapter
48
× 48
44.8
× 44.8
59
6
H7CX-AD-N/-ASD-N/-AWSD-N/-A4D-N/-A4SD-N/-A4WSD-N (Flush Mounting Models)
Note: M3.5 terminal screw (effective length: 6 mm)
48
× 48
44.8
× 44.8
63.7
14.4
6
H7CX-A11-N/-A11S-N/-A11D1-N/-A11SD1-N/-A114-N/-A114S-N/-A114D1-N (Flush Mounting/Surface Mounting Models)
58
48
76.5
7.5
Panel
Y92F-30 (provided)
Flush Mounting Adapter
Y92S-29 (provided)
Waterproof Packing
(51)
H7CX-A-N/-AS-N/-AW-N/-AWS-N/-AWD1-N/-AWSD1-N/-A4-N/-A4S-N/-A4W-N
(Provided with Adapter and Waterproof Packing)
Panel Cutouts
Panel cutouts are as shown below. (according
to DIN43700).
Note: 1. The mounting panel thickness
should be 1 to 5 mm.
2. To allow easier operation, it is
recommended that Adapters be
mounted so that the gap between
sides with hooks is at least 15 mm
(i.e., with the panel cutouts
separated by at least 60 mm).
3. It is possible to mount counters
side by side, but only in the
direction without the hooks. If they
are mounted side-by-side, water-
resistance will be lost.
Dimensions with Front
Connecting Socket
* These dimensions depend on the kind of DIN Track.
(Reference value)
60 min.
60 min.
15 min.
45
+0.6
0
45
+0.6
0
A
With Y92A-48F1 attached.
With Y92A-48 attached.
A=(48n
−2.5)
+1
−0
A=(51n
−5.5) +1
−0
A={48n
−2.5+(n−1)×4} +1
−0
n Units mounted
side by side
103.2*
100.9
H7CX
-A11
@
P2CF-11(-E) Front Connecting Socket
(order separately)
58
48
(51)
7.5
57.5
Panel
Y92F-30 (provided)
Flush Mounting Adapter
Y92S-29 (provided)
Waterproof Packing
H7CX-AD-N/-ASD-N/-AWSD-N/-A4D-N/-A4SD-N/-A4WSD-N
(Provided with Adapter and Waterproof Packing)
58
48
(51)
7.5
89.9
Panel
Y92F-30 (order separately)
Flush Mounting Adapter
Y92S-29 (order separately)
Waterproof Packing
H7CX-A11-N/-A11S-N/-A11D1-N/-A11SD1-N/-A114-N/-A114S-N/-A114D1-N
(Adapter and Waterproof Packing Ordered Separately)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com