Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 44 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 44 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 40Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 41Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 42Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 43Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 44Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 45Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 46Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 47Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 48Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
44
H7CX-R
@-N
(99.9 s)
(0.0 s)
(Enabled)
(Disabled)
(99999)
(0)
(19.99 s)
(0.00 s)
(999999)
(1)
(999.9 s)
(0.1 s)
kp-1
off
on
0
99999
0.00
19.99
999999
1
kp-2
kp-3
kp-4
kp-5
kp-6
kp-7
0
9999
0
9999
0
9999
Procedure for Models Other than “-R11W
@” Models
Procedure for “-R11W
@” Models
(9999
× 1000 times)
(0
× 1000 times)
(KP-1)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
(KP-6)
(KP-7)
*1
Note: Not displayed in AMD-compatible mode.
*1 Set each digit using the individual
U Key.
Note: The monitor value is only
displayed. It cannot be set.
Output OFF
delay
(OFFD)
Output ON
count alarm set
value/monitor
value
• Set each digit using the individual
U Key.
Auto-zero
time
(AUTO0)
Startup
time
(STMR)
Peak/bottom
hold
enabled
(DHLD)
Output
hysteresis
(HYS)
Set value
upper limit
(SL-H)
Key
protect
level
(KYPT)
• Set each digit using the individual
U Key.
• Enable or disable peak/bottom hold using the
U Key.
• Set the output hysteresis using the
U Key.
• Set each digit using the individual
U Key.
Note: The measurement value after prescaling is set.
• Set each digit using the individual
U Key.
• Set the key protect level using the
U Key.
Output
ON count
alarm set
value
Output
ON count
monitor
value
Output 1
(OUT1) ON
count alarm
set value
Output 2
(OUT2) ON
count alarm
set value
Note: The monitor value is only
displayed. It cannot be set.
Note: The monitor value is only
displayed. It cannot be set.
Output 1
(OUT1) ON
count
monitor
value
Output 2
(OUT2) ON
count
monitor
value
(9999
× 1000 times)
(0
× 1000 times)
(9999
× 1000 times)
(0
× 1000 times)
(MV)
(SMP)
(99.999)
(1.000)
(0.001)
The characters displayed in reverse video are the default settings.
smp
mv
Power ON
Run mode
Step2
Change to Function Setting Mode.
3 s min.*2
3 s min.*1
• Set the decimal point position using the
U Key.
*1 If the mode is switched to the function setting mode during operation, operation will
continue.
*2 Changes made to settings in function setting mode are enabled for the first time when the
mode is changed to run mode.
Also, when settings are changed, the counter is reset (measured values initialized and
output turned OFF) on returning to run mode.
Function
setting mode
Averaging
method
(AUGT)
Prescale value
(PSCL)
Decimal point
position
(DP)
(No decimal point) (One digit after
decimal point)
(Two digits after
decimal point)
(Three digits after
decimal point)
• Set each digit using the individual
U Key.
• Set the averaging method using the
U Key.
Note: Not displayed in AMD-compatible mode.
For details on operations in run mode, refer to page page 47.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com