Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 9Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 10Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 11Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 12Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 13Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 14Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 15Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
12
H7CX-A
@-N
Accessories (Order Separately)
Front Panel (Replacement Part)
You can change the color of the Front Panel when mounting the
Counter/Tachometer. The Counter/Tachometer is shipped with a
black (N1.5) Front Panel. "COUNTER" is printed on the front of
Replacement Front Panels.
Protecting the Counter/Tachometer in Environments
Subject to Oil
The Waterproof Packing will deteriorate, harden, and shrink
depending on the application environment. To ensure maintaining the
IP
@6, UL Type 4X waterproof level, periodically replace the
Waterproof Packing. The periodic replacement period will depend on
the application environment. You must confirm the proper
replacement period. Use 1 year or less as a guideline. If the
Waterproof Packing is not replaced periodically, the waterproof level
will not be maintained. It is not necessary to mount the Waterproof
Packing if waterproof construction is not required.
Note: Depending on the operating environment, the condition
of resin products may deteriorate, and may shrink or
become harder. Therefore, it is recommended that resin
products are replaced regularly.
Y92P-CXC4G
4-digit Counter
Light gray (5Y7/1)
Y92P-CXC4S
4-digit Counter
White (5Y9.2/0.5)
Y92P-CXT4B
4-digit Counter
Black (N1.5)
Replacement Method
The Front Panel is attached to the
Counter/Tachometer with tabs in
four locations. To remove the
Front Panel, open the tabs and
pull the Front Panel forward. To
attach the Front Panel, press it
onto the Counter/Tachometer so
that all four tabs lodge into the
grooves on the body of the
Counter/Tachometer.
Tabs
Grooves
Y92P-CXT6G
6-digit Counter
Light gray (5Y7/1)
Y92P-CXT6S
6-digit Counter
White (5Y9.2/0.5)
Y92P-CXT6B
6-digit Counter
Black (N1.5)
The H7CX's panel surface is water-resistive (conforming to IP
@6,
UL Type 4X) and so even if drops of water penetrate the gaps
between the keys, there will be no adverse effect on internal circuits.
If, however, there is a possibility of oil being present on the
operator's hands, use the Soft Cover. The Soft Cover ensures
protection equivalent to IP54F against oil. Do not, however, use the
H7CX in locations where it would come in direct contact with oil.
Soft Cover
Y92A-48F1
Hard Cover
Y92A-48
Y92F-45
Use this Adapter to
install the Counter/
Tachometer in a
cutout previously
made for a DIN 72
× 72 mm device
(panel cutout: 68
×
68 mm).
Flush Mounting Adapter
Y92F-30
Order the Flush
Mounting Adapter with
the following model
number separately if it
is lost or damaged.
Note: The
Waterproof
Packing is
included with
models with
screw
terminals.
Waterproof Packing
Y92S-29
Note: The
Waterproof
Packing is
included with
models with
screw
terminals.
Order the Waterproof Packing
separately if it is lost or damaged. The
Waterproof Packing can be used to
achieve IP66 protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com