Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 25Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 26Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 27Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 28Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 29Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 30Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 31Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 32Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
H7CX-A
@-N
29
Tachometer
(Enabled)
(Disabled)
(Red)
(Green) (Orange) (Red-green) (Green-red) (Red-orange) (Orange-red) (Green-orange) (Orange-green)
(PNP input)
(NPN input)
(19.99 s)
(0.00 s)
9999
0
9999
0
(99999)
(0)
99999
0
(999999)
999999
on
off
grn
red
org
r-g
g-r
r-o
o-r
g-o
o-g
npn
pnp
19.99
0.00
(9999
× 1000 times)
(0
× 1000 times)
(9999
× 1000 times)
(0
× 1000 times)
*2 Set each digit using the individual
U Keys.
From previous
page
To previous
page
• Set the NPN/PNP input mode using the
U Key.
Output 1
(OUT1) ON
count alarm
set value
Output 2
(OUT2) ON
count alarm
set value
Output 1
(OUT1) ON
count monitor
value
NPN/PNP
input mode
(IMOD)
Display
color
(COLR)
Note: The monitor value is only
displayed. It cannot be set.
Output 2
(OUT2) ON
count
monitor value
Peak/bottom
hold enabled
(DHLD)
Output
hysteresis
(HYS)
Output OFF
delay
(OFFD)
Set value
upper limit
(SL-H)
• Set the display color using the
U Key.
• Enable or disable the peak/bottom hold using the
U Key.
• Set the output hysteresis using the
U Key.
Note: The measurement value after prescaling is set.
• Set each digit using the individual
U Key.
• Set each digit using the individual
U Key.
Note: The monitor value is only
displayed. It cannot be set.
(
1)
1
(Pulse width
measurement)
(Pulse cycle
measurement)
(s)
(Hz)
(Cont (10 ms min.))
(200 ms)
(KP-1)
(KP-2)
(KP-3)
(KP-4)
(KP-5)
(KP-6)
(KP-7)
phas
s
hz
cont
200ms
kp-1
kp-2
kp-3
kp-4
kp-5
kp-6
kp-7
*2
Key protect
level
(KYPT)
Pulse cycle
measurement/
pulse width
measurement
(CALM)
Display unit
(UNIT)
Measurement
interval
(INTV)
Output ON
count alarm set
value/monitor
value
• Set the key protect level using the
U Key.
• Set pulse cycle measurement or pulse width measurement using the
U Key.
• Set the display unit using the
U Key.
Note: Displayed only when pulse cycle measurement is
used.
• Set each digit using the individual
U Key.
Note: Displayed only if the measurement speed is 10 kHz
when pulse cycle measurement is used.
(ON)
(OFF)
on
off
Output
allocation
change
Note: Displayed only for "-AU
@" models.
off: Output 1 = 12, 13, Output 2 = 3, 4, 5
on: Output 1 = 3, 4, 5, Output 2 = 12, 13
The numbers are the terminals numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com