Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 18Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 19Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 20Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 21Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 22Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 23Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 24Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 25Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
22
H7CX-A
@-N
Counter
Input/Output Mode Settings
I/O Functions for Counter Operation
If a 1-stage model or 2-stage model is incorrectly used as twin counter, the operation for
output 2 will be performed. When using a 2-stage model as a 1-stage preset counter,
total and preset counter, or dual counter, OUT1 and OUT2 turn ON and OFF
simultaneously.
Input mode
Operation after count
completion
UP
DOWN
UP/DOWN A, B, C
Output
mode
setting
N
The outputs and present
value display are held
until reset/reset 1 is
input.
F
The present value
display continues to
increase/decrease.
The outputs are held until
reset/reset 1 is input.
C
As soon as the count
reaches SV, the present
value display returns to
the reset start status.
The present value display
does not show the
present value upon count-
up.
The outputs repeat one-
shot operation.
OUT1 self-holding output
turns OFF after the OUT2
one-shot output time.
The OUT1 one-shot
output time is
independent of OUT2.
R
The present value
display returns to the
reset start status after
the one-shot output time.
The outputs repeat one-
shot operation.
OUT1 self-holding output
turns OFF after the
OUT2 one-shot output
time.
The OUT1 one-shot
output time is
independent of OUT2.
K-1
The present value
display continues to
increase/decrease.
OUT1 self-holding output
turns OFF after the
OUT2 one-shot output
time.
The OUT1 one-shot
output time is
independent of OUT2.
Self-holding
output
Self-holding
output
One-shot output from OUT1
One-shot
output from OUT2
(The one-shot output time can be
set in the range 0.01 to 99.99s.)
Reset/
reset 1
OUT1
OUT2
999999
Set value 2
Set value 1
0
999999
0
Reset/
reset 1
OUT1
OUT2
Set value 2
Set value 1
999999
0
Reset/
reset 1
OUT1
OUT2
Set value 2
Set value 1
999999
0
Reset/
reset 1
OUT1
OUT2
Set value 2
Set value 1
999999
0
Reset/
reset 1
OUT1
OUT2
Set value 2
Set value 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com