Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button H7CX-R11D1-N Datasheet HTML 39Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 40Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 41Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 42Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 43Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 44Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 45Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 46Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
H7CX-R
@-N
43
Operating Procedures
Parameters must be set using both the DIP switch and the operation keys on the front panel.
Refer to the following for the detailed procedure.
The settings made using the DIP switch can be checked in the
DIP switch monitor mode.
OFF
ON
OFF
ON
OFF
OFF
ON
ON
Tachometer
AMD compatible
Tachometer
AMD compatible
Input mode*1
Counting speed/
Minimum input signal width
Output mode*2
Average processing
---
NPN/PNP input mode
---
---
NPN
PNP
30 Hz
10 ms
10 kHz*3
1 ms
OFF
ON
OFF
ON
OFF
OFF
ON
ON
Upper and lower limit
Area
Upper limit
Lower limit
OFF
ON
OFF
ON
OFF
OFF
ON
ON
OFF (no average processing)
2 times
4 times
8 times
Step1
Upper limit
Upper limit
Item
OFF
ON
Counting speed/
minimum input signal width
Input mode
Pin 2
Pin 1
Output mode
Pin 4
Pin 6
Average processing
Pin 6
Pin 5
1
2
3
4
5
6
7
8
Set the basic parameters.
Refer to the table on the right.
Note: The characters displayed in reverse video are the default settings.
Refer to the table on the right.
Refer to the table on the right.
*1. The setting is disabled (OFF) for the H7CX-R11W
@.
*2. For the H7CX-R11W
@.
Refer to the table on the right.
Refer to the table on the right.
Output mode
Output mode
Note: The characters displayed in reverse video are the default settings.
OFF
ON
OFF
ON
3
4
Item
OFF
ON
Output mode
Pin 4
Output mode
Pin 3
Lower limit
Lower limit
*3. For the H7CX-R11W
@, the counting speed will be 5 kHz even if 10 kHz
is selected.
OFF
ON
12345678
(Factory setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com