Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H7CX-R11D1-N Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # H7CX-R11D1-N
Description  Multifunction Counter/Tachometer
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

H7CX-R11D1-N Datasheet(HTML) 4 Page - Omron Electronics LLC

  H7CX-R11D1-N Datasheet HTML 1Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 2Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 3Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 4Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 5Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 6Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 7Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 8Page - Omron Electronics LLC H7CX-R11D1-N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
4
H7CX-
@-N
Accessories (Order Separately)
Front Panels (Replacement Part)
Note: 1. You can change the color of the Front Panel when mounting the Counter. The Counter is shipped with a black (N1.5) Front Panel.
2. "COUNTER" is printed on the front of Replacement Front Panels.
Soft Cover
Hard Cover
Flush Mounting Adapter
Waterproof Packing
Connection Sockets
Terminal Covers for P3GA-11 Back-connecting Socket
Model
Color
Applicable Counters
Page
Y92P-CXC4G
Light gray (5Y7/1)
4-digit Counter
12
Y92P-CXC4S
White (5Y9.2/0.5)
Y92P-CXC4B
Black (N1.5)
Y92P-CXC6G
Light gray (5Y7/1)
6-digit Counter
Y92P-CXC6S
White (5Y9.2/0.5)
Y92P-CXC6B
Black (N1.5)
Model
Remarks
Page
Y92A-48F1
---
12
Model
Remarks
Page
Y92A-48
---
12
Model
Remarks
Page
Y92F-30
Included with models with screw
terminals.
12
Y92F-45
Use this Adapter to install the Counter/
Tachometer in a cutout previously made
for a DIN 72
× 72 mm device (panel
cutout: 68
× 68 mm).
Model
Remarks
Page
Y92S-29
Included with models with screw
terminals.
12
Model
Classification
Connectable
Counter/
Tachometers
Remarks
Page
P2CF-11
Front-connecting Socket
H7CX-
@11@-N
---
13
P2CF-11-E
Front-connecting Socket (Finger-safe
Type)
Round crimp terminals cannot be used on
Finger-safe Sockets.
Use forked crimp terminals.
P3GA-11
Back-connecting Sockets
A Y92A-48G Terminal Cover can be used
with the Socket to create a finger-safe
construction.
Model
Remarks
Page
Y92A-48G
---
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com