Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF200AP Datasheet(PDF) 19 Page - Texas Instruments

Part # REF200AP
Description  Dual Current Source and Current Sink
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF200AP Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF200AP Datasheet HTML 15Page - Texas Instruments REF200AP Datasheet HTML 16Page - Texas Instruments REF200AP Datasheet HTML 17Page - Texas Instruments REF200AP Datasheet HTML 18Page - Texas Instruments REF200AP Datasheet HTML 19Page - Texas Instruments REF200AP Datasheet HTML 20Page - Texas Instruments REF200AP Datasheet HTML 21Page - Texas Instruments REF200AP Datasheet HTML 22Page - Texas Instruments REF200AP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
27 k
In
Out
Mirror
Com
20 k
0.01 µF
0.01 µF
100 µA
100 µA
High
300 µA
2N5116
2N4340
5
4
3
300 µA
Low
(a) Regulation (15 V to 30 V = 0.00003%/V (10 GW)
In
Out
Mirror
Com
20 k
0.01 µF
100 µA
High
400 µA
2N5116
2N4340
5
4
3
400 µA
Low
(a) Regulation (15 V to 30 V = 0.000025%/V (10 GW)
100 µA
–15 V
100 µA
0.1 µF
Siliconix
J109
50 k
I
OUT
For current source,
invert circuitry and
use P-Channel FET.
50 k
0.1 µF
100 µA
REF200
www.ti.com
SBVS020B – SEPTEMBER 2000 – REVISED JULY 2015
System Examples (continued)
Figure 30. Low Noise Current Sink With Compliance Below Ground
Figure 31. Floating 300-µA and 400-µA Cascoded Current Sources
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: REF200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com